Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30T85 Datasheet(PDF) 69 Page - Numonyx B.V

Part # JS28F640P30T85
Description  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P30T85 Datasheet(HTML) 69 Page - Numonyx B.V

Back Button JS28F640P30T85 Datasheet HTML 65Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 66Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 67Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 68Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 69Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 70Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 71Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 72Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 73Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 99 page
background image
November 2007
Datasheet
Order Number: 306666-11
69
P30
14.0
Special Read States
The following sections describe non-array read states. Non-array reads can be
performed in asynchronous read or synchronous burst mode. A non-array read
operation occurs as asynchronous single-word mode. When non-array reads are performed in
asynchronous page mode only the first data is valid and all subsequent data are undefined. When a non-
array read operation occurs as synchronous burst mode, the same word of data
requested will be output on successive clock edges until the burst length requirements
are satisfied.
Refer to the following waveforms for more detailed information:
• Figure 14, “Asynchronous Single-Word Read (ADV# Low)” on page 33
• Figure 15, “Asynchronous Single-Word Read (ADV# Latch)” on page 33
• Figure 17, “Synchronous Single-Word Array or Non-array Read Timing” on page 34
14.1
Read Status Register
To read the Status Register, issue the Read Status Register command at any address.
Status Register information is available to which the Read Status Register, Word
Program, or Block Erase command was issued. Status Register data is automatically
made available following a Word Program, Block Erase, or Block Lock command
sequence. Reads from the device after any of these command sequences outputs the
device’s status until another valid command is written (e.g. Read Array command).
The Status Register is read using single asynchronous-mode or synchronous burst
mode reads. Status Register data is output on DQ[7:0], while 0x00 is output on
DQ[15:8]. In asynchronous mode the falling edge of OE#, or CE# (whichever occurs
first) updates and latches the Status Register contents. However, reading the Status
Register in synchronous burst mode, CE# or ADV# must be toggled to update status
data.
The Device Write Status bit (SR[7]) provides overall status of the device. Status
register bits SR[6:1] present status and error information about the program, erase,
suspend, VPP, and block-locked operations.
Table 32: Status Register Description (Sheet 1 of 2)
Status Register (SR)
Default Value = 0x80
Device Write
Status
Erase Suspend
Status
Erase Status
Program
Status
VPP Status
Program
Suspend
Status
Block-Locked
Status
BEFP
Status
DWS
ESS
ES
PS
VPPS
PSS
BLS
BWS
765
4321
0
Bit
Name
Description
7
Device Write Status (DWS)
0 = Device is busy; program or erase cycle in progress; SR[0] valid.
1 = Device is ready; SR[6:1] are valid.
6
Erase Suspend Status (ESS)
0 = Erase suspend not in effect.
1 = Erase suspend in effect.
5
Erase Status (ES)
0 = Erase successful.
1 = Erase fail or program sequence error when set with SR[4,7].
4
Program Status (PS)
0 = Program successful.
1 = Program fail or program sequence error when set with SR[5,7]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com