Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30T85 Datasheet(PDF) 90 Page - Numonyx B.V

Part # JS28F640P30T85
Description  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P30T85 Datasheet(HTML) 90 Page - Numonyx B.V

Back Button JS28F640P30T85 Datasheet HTML 86Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 87Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 88Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 89Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 90Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 91Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 92Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 93Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 94Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 99 page
background image
P30
Datasheet
November 2007
90
Order Number: 306666-11
C.4
Device Geometry Definition
Table 40: Device Geometry Definition
Offset
Length
Description
Code
27h
1
“n” such that device size = 2n in number of bytes
27:
See table below
765
432
1
0
28h
2
—
—
—
—
x64
x32
x16
x8
28:
--01
x16
15
14
13
12
11
10
9
8
———
———
—
—
29:
--00
2Ah
2
“n” such that maximum number of bytes in write buffer = 2n
2A:
--06
64
2B:
--00
2Ch
1
2C:
2Dh
4
Erase Block Region 1 Information
2D:
bits 0–15 = y, y+1 = number of identical-size erase blocks
2E:
bits 16–31 = z, region erase block(s) size are z x 256 bytes
2F:
30:
31h
4
Erase Block Region 2 Information
31:
bits 0–15 = y, y+1 = number of identical-size erase blocks
32:
bits 16–31 = z, region erase block(s) size are z x 256 bytes
33:
34:
35h
4
Reserved for future erase block region information
35:
36:
37:
38:
See table below
See table below
See table below
See table below
Flash device interface code assignment:
"n" such that n+1 specifies the bit field that represents the flash
device width capabilities as described in the table:
Number of erase block regions (x) within device:
1. x = 0 means no erase blocking; the device erases in bulk
2. x specifies the number of device regions with one or
more contiguous same-size erase blocks.
3. Symmetrically blocked partitions have one blocking region
Address
64-Mbit
–B
–T
–B
–T
–B
–T
27:
--17
--17
--18
--18
--19
--19
28:
--01
--01
--01
--01
--01
--01
29:
--00
--00
--00
--00
--00
--00
2A:
--06
--06
--06
--06
--06
--06
2B:
--00
--00
--00
--00
--00
--00
2C:
--02
--02
--02
--02
--02
--02
2D:
--03
--3E
--03
--7E
--03
--FE
2E:
--00
--00
--00
--00
--00
--00
2F:
--80
--00
--80
--00
--80
--00
30:
--00
--02
--00
--02
--00
--02
31:
--3E
--03
--7E
--03
--FE
--03
32:
--00
--00
--00
--00
--00
--00
33:
--00
--80
--00
--80
--00
--80
34:
--02
--00
--02
--00
--02
--00
35:
--00
--00
--00
--00
--00
--00
36:
--00
--00
--00
--00
--00
--00
37:
--00
--00
--00
--00
--00
--00
38:
--00
--00
--00
--00
--00
--00
128-Mbit
256-Mbit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com