Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30T85 Datasheet(PDF) 85 Page - Numonyx B.V

Part # JS28F640P30T85
Description  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P30T85 Datasheet(HTML) 85 Page - Numonyx B.V

Back Button JS28F640P30T85 Datasheet HTML 81Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 82Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 83Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 84Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 85Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 86Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 87Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 88Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 89Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 99 page
background image
November 2007
Datasheet
Order Number: 306666-11
85
P30
Figure 44: Block Lock Operations Flowchart
No
Start
Write 60h
Block Address
Write 90h
Read Block Lock
Status
Locking
Change?
Lock Change
Complete
Write 01,D0,2Fh
Block Address
Write FFh
Any Address
Yes
Write
Write
Write
( Optional)
Read
( Optional)
Standby
( Optional)
Write
Lock
Setup
Lock,
Unlock, or
Lockdown
Confirm
Read ID
Plane
Block Lock
Status
Read
Array
Data = 60h
Addr = Block to lock/unlock/lock-down (BA)
Data = 01h (Lock block)
D0h (Unlock block)
2Fh (Lockdown block)
Addr = Block to lock/unlock/lock-down (BA)
Data = 90h
Addr = Block address offset+2 (BA+2)
Block Lock status data
Addr = Block address offset+2 (BA+2)
Confirm locking change on DQ1, DQ0.
(See Block Locking State Transitions Table
for valid combinations.)
Data = FFh
Addr = Block address (BA)
Bus
Operation
Command
Comments
LOCKING OPERATIONS PROCEDURE
LOCK_OP.WMF
Lock
Confirm
Lock
Setup
Read ID Plane
Read
Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com