Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30T85 Datasheet(PDF) 65 Page - Numonyx B.V

Part # JS28F640P30T85
Description  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P30T85 Datasheet(HTML) 65 Page - Numonyx B.V

Back Button JS28F640P30T85 Datasheet HTML 61Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 62Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 63Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 64Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 65Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 66Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 67Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 68Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 69Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 99 page
background image
November 2007
Datasheet
Order Number: 306666-11
65
P30
13.1.4
Block Lock Status
The Read Device Identifier command is used to determine a block’s lock status (see
Section 14.2, “Read Device Identifier” on page 70). Data bits DQ[1:0] display the
addressed block’s lock status; DQ0 is the addressed block’s lock bit, while DQ1 is the
addressed block’s lock-down bit.
13.1.5
Block Locking During Suspend
Block lock and unlock changes can be performed during an erase suspend. To change
block locking during an erase operation, first issue the Erase Suspend command.
Monitor the Status Register until SR[7] and SR[6] are set, indicating the device is
suspended and ready to accept another command.
Next, write the desired lock command sequence to a block, which changes the lock
state of that block. After completing block lock or unlock operations, resume the erase
operation using the Erase Resume command.
Note:
A Lock Block Setup command followed by any command other than Lock Block, Unlock Block,
or Lock-Down Block produces a command sequence error and set Status Register bits SR[4]
and SR[5]. If a command sequence error occurs during an erase suspend, SR[4] and SR[5]
remains set, even after the erase operation is resumed. Unless the Status Register is cleared
using the Clear Status Register command before resuming the erase operation, possible erase
errors may be masked by the command sequence error.
Figure 30: Block Locking State Diagram
[X00]
[X01]
Power-Up/Reset
Unlocked
Locked
[011]
[111]
[110]
Locked-
Down4,5
Software
Locked
[011]
Hardware
Locked5
Unlocked
WP# Hardware Control
Notes:
1. [a,b,c] represents [WP#, DQ1, DQ0]. X = Don’t Care.
2. DQ1 indicates Block Lock-Down status. DQ1 = ‘0’, Lock-Down has not been issued
to this block. DQ1 = ‘1’, Lock-Down has been issued to this block.
3. DQ0 indicates block lock status. DQ0 = ‘0’, block is unlocked. DQ0 = ‘1’, block is
locked.
4. Locked-down = Hardware + Software locked.
5. [011] states should be tracked by system software to determine difference between
Hardware Locked and Locked-Down states.
Software Block Lock (0x60/0x01) or Software Block Unlock (0x60/0xD0)
Software Block Lock-Down (0x60/0x2F)
WP# hardware control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com