Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P30T85 Datasheet(PDF) 98 Page - Numonyx B.V

Part # JS28F640P30T85
Description  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P30T85 Datasheet(HTML) 98 Page - Numonyx B.V

Back Button JS28F640P30T85 Datasheet HTML 91Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 92Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 93Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 94Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 95Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 96Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 97Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 98Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 99Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 98 / 99 page
background image
P30
Datasheet
November 2007
98
Order Number: 306666-11
Appendix E Ordering Information for Discrete Products
Figure 46: Decoder for Discrete P30
F 6 4
P 3 0 B
8
E 2
T
0
Product Line Designator
28F = Intel® Flash Memory
Package Designator
TE = 56-Lead TSOP, leaded
JS = 56-Lead TSOP, lead-free
RC = 64-Ball Easy BGA, leaded
PC = 64-Ball Easy BGA, lead-free
Device Density
640 = 64-Mbit
128 = 128-Mbit
256 = 256-Mbit
Product Family
P30 = Intel StrataFlash® Embedded Memory
VCC = 1.7 – 2.0 V
VCCQ = 1.7 – 3.6 V
Access Speed
85 ns
Parameter Location
B = Bottom Parameter
T = Top Parameter
8 5
Table 49: Valid Combinations for Discrete Products
64-Mbit
128-Mbit
256-Mbit
TE28F640P30B85
TE28F128P30B85
TE28F256P30B95
TE28F640P30T85
TE28F128P30T85
TE28F256P30T95
JS28F640P30B85
JS28F128P30B85
JS28F256P30B95
JS28F640P30T85
JS28F128P30T85
JS28F256P30T95
RC28F640P30B85
RC28F128P30B85
RC28F256P30B85
RC28F640P30T85
RC28F128P30T85
RC28F256P30T85
PC28F640P30B85
PC28F128P30B85
PC28F256P30B85
PC28F640P30T85
PC28F128P30T85
PC28F256P30T85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com