Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5445 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STLC5445
Description  QUAD LINE FEED CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5445 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STLC5445 Datasheet HTML 4Page - STMicroelectronics STLC5445 Datasheet HTML 5Page - STMicroelectronics STLC5445 Datasheet HTML 6Page - STMicroelectronics STLC5445 Datasheet HTML 7Page - STMicroelectronics STLC5445 Datasheet HTML 8Page - STMicroelectronics STLC5445 Datasheet HTML 9Page - STMicroelectronics STLC5445 Datasheet HTML 10Page - STMicroelectronics STLC5445 Datasheet HTML 11Page - STMicroelectronics STLC5445 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
STLC5445
8/23
Notes: 1. Our characterizations show that in the range 15mA - 20mA the accuracy is ±20% over the 0°C - 70°C temperature range.
2. The longitudinal component of the signal detected by the spectrum analyzer must have an RMS voltage value, in any 4kHz equiv-
alent bandwidth, averaged in any 1 second period, not greater of the specified value (–60dBV) over the 100Hz - 150kHz range
(for details see ETSI ETR80 and ANSI 601).
3. All the output lines activated at a line current of 35mA; no current limitation condition. Rth(j-a)
≤ 20°C/W
Please note that, in order to assure the frequency stability of the output drivers, a 1
µF capacitor must always
be connected between WAn and Wbn or, as shown in Fig. 6, immediately after the resistive protection elements
used in the actual application.
The RLIM value can be calculated starting from the value of the needed current limitation threshold ILIMT:
SWITCHING TIMING
Figure 1.
ISOC
Open circuit detector threshold
1.5
3
4
mA
OLDH
Open Loop detector Hysteresis
0.6
1.6
mA
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
tENP
Output driver’s enable time
Parallel interface mode
20
µs
tDISP
Output driver’s disable time
Parallel interface mode
500
µs
fCKILC
Frequency of CKILC
Duty cycle 60% max
Pulse width 500ns min
8
200
kHz
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
R
LIM
2664
I
LIMIT
---------------
=
1.3k
Ω ±1%
25
Ω
±0.01%
ILIMTL
STLC5445 output driver
(one of four)
WAn
WBn
8.5VRMS
16.6Hz
30
Ω
±0.01%
20
µF ±1%
25
Ω
±0.01%
30
Ω
±0.01%
20
µF ±1%
ELECTRICAL CHARACTERISTICS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com