Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5445 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STLC5445
Description  QUAD LINE FEED CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5445 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STLC5445 Datasheet HTML 9Page - STMicroelectronics STLC5445 Datasheet HTML 10Page - STMicroelectronics STLC5445 Datasheet HTML 11Page - STMicroelectronics STLC5445 Datasheet HTML 12Page - STMicroelectronics STLC5445 Datasheet HTML 13Page - STMicroelectronics STLC5445 Datasheet HTML 14Page - STMicroelectronics STLC5445 Datasheet HTML 15Page - STMicroelectronics STLC5445 Datasheet HTML 16Page - STMicroelectronics STLC5445 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13/23
STLC5445
Figure 6. Typical Protection Diagram (only channel 0 and 1 shown)
FUNCTIONAL DESCRIPTION
WAn (n=0-3)
Drivers (output pins).
Each WAn output can sink up to 140mA. When the ESn input is High and the activation request
is approved by the internal control circuitry, the respective WAn output is internally connected
to VBAT through a DMOS switch and the low side sensing resistor.
WBn (n=0-3)
Resistor to BGND.
Each WBn output connects the wire B to ground through a 5W resistor used to perform the
longitudinal balance and the high side current sensing function.
WBPn (n=0-3) Protection diodes connection (see the block diagram at page 3).
Each channel of the STLC5445 has two internal, back to back connected diodes, whose clamp-
ing action can be used to protect the WBn outputs during lighting and power crossing events.
The diodes' clamping action is normally disabled and can be activated by connecting the WBPn
pin to BGND. In this case however, if the line current exceeds 57.5mA the forward drop across
the high side sensing resistor (and then across the diodes) reaches the diodes' conduction
threshold, strongly degrading the current limiting action and the longitudinal balance. For line
currents higher than 57.5mA external clamping elements must then be connected in place of
the internal diodes or in series to them in order to increase the clamping voltage value.
BGND
Battery ground.
DGND
Digital ground.
1
µF
1
µF
SM5908
2 x
SM6T68A
SM5908
16
ΩPTC
22
Ω
16
ΩPTC
22
Ω
16
ΩPTC
22
Ω
16
ΩPTC
22
Ω
TIP
RING
TIP
RING
WBP1
WB1
WA1
WBAT
WBAT
BGND
WBP0
WB0
WA0
WBAT
BGND
CHANNEL's 1 OUTPUT
DRIVER's STAGE
CHANNEL's 0 OUTPUT
DRIVER's STAGE
D02TL549
Note: The 1
µF capacitors are required for output driver's stability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com