Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5445 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STLC5445
Description  QUAD LINE FEED CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5445 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STLC5445 Datasheet HTML 8Page - STMicroelectronics STLC5445 Datasheet HTML 9Page - STMicroelectronics STLC5445 Datasheet HTML 10Page - STMicroelectronics STLC5445 Datasheet HTML 11Page - STMicroelectronics STLC5445 Datasheet HTML 12Page - STMicroelectronics STLC5445 Datasheet HTML 13Page - STMicroelectronics STLC5445 Datasheet HTML 14Page - STMicroelectronics STLC5445 Datasheet HTML 15Page - STMicroelectronics STLC5445 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
STLC5445
12/23
Figure 5. Typical Application Circuit
External Component List
Coponents
Description
Value
C1, C2, C3, C4 & C5 Power Supply Filter Capacitance
100nF
C6, C7, C8 & C9
Signal Filter Capacitance
100nF
RLIN
Programmable Limiting Current Resistor
53.6k
Ω
Z1
Transil Clamping Protection
136V
RGND
VCC
C5
100nF
C4 100nF
C6
100nF
C7
100nF
C8
100nF
C9
100nF
23
5,35,62
8
26
27
58
32
51
59
9
12
13
41
42
45
46
7
10
11
14
40
43
44
47
EREL0A
VBAT
VBAT
VBAT
VBAT
BGND
BGND
BGND
BGND
EREL0B
EREL1A
EREL1B
EREL2A
EREL2B
EREL3A
EREL3B
REL0A
REL0B
REL1A
REL1B
REL2A
REL2B
REL3A
REL3B
20,22,52,54
53
31
21
63
57
28
25
60
56
29
24
61
49
N.C.
CODC0
CODC1
CODC2
CODC3
34
33
2
1
ILIM
DGND
WBP_3
WB_0
WB_1
WB_2
WB_3
WA_0
WA_1
WA_2
WA_3
RELAYS
RELAYS
COMAND
DRIVER
OUTPUTS
DIGITAL
CONTROL
OUTPUTS
CLAMPING
WBP_2
WBP_1
WBP_0
NACK3(D3)
48
NACK2(D2)
6
NACK1(D1)
5
NACK0(D0)
39
ES3/WR
38
ES2/RD
37
ES1/CS
36
ES0/A0
15
ALE
16
PBIT
17
PSC
18
INTN
4
CK_ILC
50
55
30
19
RESET
JP0
JP1
JP2
JP3
D99TL440
64
Z1
2 x SM6T68A
VBAT
C3 100nF
C2 100nF
C1 100nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com