Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5445 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STLC5445
Description  QUAD LINE FEED CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5445 Datasheet(HTML) 2 Page - STMicroelectronics

  STLC5445 Datasheet HTML 1Page - STMicroelectronics STLC5445 Datasheet HTML 2Page - STMicroelectronics STLC5445 Datasheet HTML 3Page - STMicroelectronics STLC5445 Datasheet HTML 4Page - STMicroelectronics STLC5445 Datasheet HTML 5Page - STMicroelectronics STLC5445 Datasheet HTML 6Page - STMicroelectronics STLC5445 Datasheet HTML 7Page - STMicroelectronics STLC5445 Datasheet HTML 8Page - STMicroelectronics STLC5445 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
STLC5445
2/23
BLOCK DIAGRAM
Relay driver 3B
Relay driver 3A
Relay driver 2B
Relay driver 2A
Relay driver 1B
VCC
WA0
CODC0
WB0
WBP0
Channel 3
Channel 2
Channel 1
V BAT
On / Off
&
line current
control
OLD
COD
Channel 0
COD & OLD
generation
Logic
interface
ILIM
PSC
PBIT
CKILC
RESETN
INTN
ALE
ES0 (A0)
ES1 (CSN)
ES2 (RDN)
ES3 (WRN)
NACK0 (D0)
NACK1 (D1)
NACK2 (D2)
NACK3 (D3)
Reference & biasing
generation
Thermal
monitoring
110°C
130°C
160°C
Voltage
and
current
biasing
Relay driver 1A
Relay driver 0B
Relay driver 0A
EREL0B
REL0A
REL0B
REL1A
REL1B
REL2A
REL2B
REL3A
REL3B
EREL0A
EREL1A
EREL1B
EREL2A
EREL2B
EREL3A
EREL3B
VCC
BGND
DGND
RGND
VBAT
VBAT
Driving
&
output
clamping
I / O connections on channels 1, 2 and
3 are similar to those
shown for channel 0 but have been omitted for clarity
reasons.
Limiting
current
reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com