Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5445 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STLC5445
Description  QUAD LINE FEED CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5445 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STLC5445 Datasheet HTML 15Page - STMicroelectronics STLC5445 Datasheet HTML 16Page - STMicroelectronics STLC5445 Datasheet HTML 17Page - STMicroelectronics STLC5445 Datasheet HTML 18Page - STMicroelectronics STLC5445 Datasheet HTML 19Page - STMicroelectronics STLC5445 Datasheet HTML 20Page - STMicroelectronics STLC5445 Datasheet HTML 21Page - STMicroelectronics STLC5445 Datasheet HTML 22Page - STMicroelectronics STLC5445 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
STLC5445
20/23
The status detector bits reading if a read operation is performed.
A0 must be valid on the falling edge of the signal applied at the ALE (Address Latch Enable) pin or during the
read and write operations if ALE is tied High.
NOTE: A delay of at least 1ms is required between a LER writing and the next LER reading. Subsequent LER
reading operations do not have this constraint.
The line output drivers' switch on or switch off requests are implemented by first selecting the LER register and
then by writing in its D0-D3 bits a 1 (turn on request) or a 0 (turn off request). D0 controls channel 0, D1 channel
1 and so on. If the requests are accepted by the Thermal monitoring block and (if activated) by the Power on
sequencer, the bits stored in the LER register are copied in the LEC register whose status (1 = turn on; 0 = turn
off) directly controls the output drivers' ON/OFF condition.
For each of the four channels, in MPI mode the following six status detector bits are available:
The COD, OLD and TOR bits whose function has already been described at the beginning of the Logic
Section paragraph.
The LER and the LEC bits.
The POF (Power On Sequencer) bit already described at the Power on sequencer paragraph.
The status detector bits reading is performed by first writing in the 2 - 0 bits of the IAR register (via the D2-D0
bus lines) a three bits code used to select which of the six available status detector bits type has to be red. A0
must then to be set at 1 and the reading cycle has to be performed. The status detector bits' selection codes
are listed in the following table.
If (for example) a 010 code has been written in the IAR, the output on the D0 - D3 lines at the end of the reading
cycle will be the COD0 - COD3 bits.
Please, note that since the red data are not latched (apart from the TOR status detector bits of the channels
whose output drivers are switched on), the user should filter them (multiple samples) to ensure theirs integrity.
As already explained the IAR is a four bits register but only three bits (D2 - D0) are required to select one of the
six available status detector bits types. The fourth IAR bit (D3) is the I bit and is used to enable (1) or disable
(0) the generation of the interrupt signal INTN that, via the INTN pin, can alerts an external microprocessor when
a current overload condition occurs. INTN is active (Low level) when at least one of the CODn status detector
bits is active (High level). When the four CODn status detector bits are Low, INTN goes inactive (High): this
clearly means that INTN will also go inactive if (due to thermal overload) the QLFC automatically disables the
output driver of the channel that caused the interrupt or if the external microprocessor disables that line via the
LER register.
The interrupt function can also be disabled (INTN remains permanently High) by applying a Low level on the
RESETN pin.
As previously explained, when a reading operation is performed while A0 = 0 the four bits actually written in the IAR
register can be read on the D3 - D0 bus lines. We already know that the D2 - D0 bits represent the status detector bits
selection code. The D3 bit is the T bit: it is High only when the internal chip's temperature exceeds 160°C.
IAR2
IAR1
IAR0
Selected status detector bits type
00
0
POF
00
1
OLD
01
0
COD
0
1
1
LEC
1
0
0
RESERVED
1
0
1
RESERVED
11
0
LER
1
1
1
TOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com