Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5445 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STLC5445
Description  QUAD LINE FEED CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5445 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STLC5445 Datasheet HTML 6Page - STMicroelectronics STLC5445 Datasheet HTML 7Page - STMicroelectronics STLC5445 Datasheet HTML 8Page - STMicroelectronics STLC5445 Datasheet HTML 9Page - STMicroelectronics STLC5445 Datasheet HTML 10Page - STMicroelectronics STLC5445 Datasheet HTML 11Page - STMicroelectronics STLC5445 Datasheet HTML 12Page - STMicroelectronics STLC5445 Datasheet HTML 13Page - STMicroelectronics STLC5445 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
STLC5445
10/23
SWITCHING CHARACTERISTICS
MICROPROCESSOR WRITE / READ TIMING (refers to figures 3 and 4).
Unless otherwise specified the below listed parameters’ values are referred to the following conditions:
VCC=5V, normal temperature range.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
tRLRH
RDN, CSN pulse width
260
ns
tRHRL
RDN, recovery time
Tamb = – 40 to 0°C and +70°C to +85°C
200
220
ns
tRLDA
RDN, CSN low to data available
260
ns
tRHDZ
RDN or CSN high to data Z
Tamb = – 40 to 0°C and +70°C to +85°C
130
160
ns
tAHAL
ALE pulse width
100
ns
tADAL
Address setup time
60
ns
tADAZ
Address hold time
50
ns
tAZRL
Address Z to RDN low
0
ns
tAZWL
Address Z to WRN Low
0
ns
tADDA
Address stable to data available
Tamb = – 40 to 0°C and +70°C to +85°C
360
390
ns
tWLWH
WRN or CSN pulse width
200
ns
tWHWL
Write recovery time
200
ns
tDAWH
Data setup time
100
ns
tWHDZ
Data hold time
Tamb = – 40 to 0°C and +70°C to +85°C
20
40
ns
tRESN
Reset Pulse with
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com