Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5445 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STLC5445
Description  QUAD LINE FEED CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5445 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STLC5445 Datasheet HTML 14Page - STMicroelectronics STLC5445 Datasheet HTML 15Page - STMicroelectronics STLC5445 Datasheet HTML 16Page - STMicroelectronics STLC5445 Datasheet HTML 17Page - STMicroelectronics STLC5445 Datasheet HTML 18Page - STMicroelectronics STLC5445 Datasheet HTML 19Page - STMicroelectronics STLC5445 Datasheet HTML 20Page - STMicroelectronics STLC5445 Datasheet HTML 21Page - STMicroelectronics STLC5445 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
STLC5445
18/23
has no influence in the activation sequence of the next channels. The stored activation requests are satisfied
starting from the lower index of the actually stored requests: if (for example) while channel 2 is in the activation
phase, additional power on requests arrive for (in the order) channels 1, 3 and 0, when the channel's 2 activation
phase will be concluded the stored activation requests will be satisfied in the order 0, 1 and 3. It must be noted
that the channels' deactivation requests are not conditioned by the Power on sequencer.
Figure 7. Power on sequence example
Notes: DARn are the line Drivers' Activation Request bits sent to the Power on sequencer. They are internally generated starting from the
activation requests coming from the outside world through the selected interface (Parallel or MPI). POFn are the Power On Flags.
Each POFn goes High with its relative DARn bit and returns to a Low state when the current limiting condition ends: a POF High state
indicates that the relative channel is in the power on phase.
The figure 6 shows, for three of the four available channels, a typical power on sequence example. The CODn
pulse duration represents the time needed to charge the capacitive element that is part of the ISDN load, with
part of the constant current that each line driver provides with the actually programmed current limiting value. It
must be realized that if (for example) has been required the activation of the lines 0, 2 and 3 but line 2 is over-
loaded and cannot leave the current limiting condition, the activation sequence will remain blocked at the line 2
activation step. In this case the external software has to identify and shut off the overloaded line in order to allow
the activation of the line 3.
The previously mentioned RESETN pin will also influence the Power on sequencer: when RESETN is pushed
Low the Power on sequencer is reset, switching off the actually activated drivers.
The Power on sequencer is the only block of the circuit that needs an external clock signal to be applied at the
CKILC pin. The clock frequency is not critical and has a nominal value of 8kHz.
When PBIT=1 the power on sequencer is disabled and the incoming channels' activation requests will instan-
taneously be satisfied. In this case the user as to take into account the actual operative condition (VBAT, the
programmed current limiting value, the load applied to the lines, the ambient temperature) and implement his
own power on sequence in order to limit the chip's temperature increase induced by the channels' switch on
transients.
DAR0
COD0
POF0
DAR1
COD1
POF1
DAR2
COD2
POF2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com