Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5445 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STLC5445
Description  QUAD LINE FEED CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5445 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STLC5445 Datasheet HTML 15Page - STMicroelectronics STLC5445 Datasheet HTML 16Page - STMicroelectronics STLC5445 Datasheet HTML 17Page - STMicroelectronics STLC5445 Datasheet HTML 18Page - STMicroelectronics STLC5445 Datasheet HTML 19Page - STMicroelectronics STLC5445 Datasheet HTML 20Page - STMicroelectronics STLC5445 Datasheet HTML 21Page - STMicroelectronics STLC5445 Datasheet HTML 22Page - STMicroelectronics STLC5445 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21/23
STLC5445
The IAR bits' function has been summarized in the following table:
The logic behaviour of the MPI's chip select and read/write operations has been summarized in the following
table:
Bit
Symbol
Bit function
0
IAR0
Bit 0 of the status detector bits selection code
1
IAR1
Bit 1 of the status detector bits selection code
2
IAR2
Bit 2 of the status detector bits selection code
3
IAR3:
T (read)
I (write)
T bit (read only): Logical 0 when chip’s temperature is below 160°C
Logical 1 when chip’s temperature exceeds 160°C
I bit (write only): Logical 0 to disable the interrupt generation
Logical 1 to enable the interrupt generation
CSN
RDN
WRN
A0
Performed operation
0100
Write IAR
0010
Read IAR
0101
Write LER
0011
Read the status detector bits types selected via the IAR
1
X
X
X
No access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com