Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5445 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLC5445
Description  QUAD LINE FEED CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5445 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLC5445 Datasheet HTML 2Page - STMicroelectronics STLC5445 Datasheet HTML 3Page - STMicroelectronics STLC5445 Datasheet HTML 4Page - STMicroelectronics STLC5445 Datasheet HTML 5Page - STMicroelectronics STLC5445 Datasheet HTML 6Page - STMicroelectronics STLC5445 Datasheet HTML 7Page - STMicroelectronics STLC5445 Datasheet HTML 8Page - STMicroelectronics STLC5445 Datasheet HTML 9Page - STMicroelectronics STLC5445 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
STLC5445
6/23
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITION
Symbol
Parameter
Value
Unit
VDD
Voltage from digital input to DGND
– 0.5 to VCC + 0.5
V
VCD
Voltage from VCC to DGND
– 0.4 to +7
V
VBB
Voltage from VBAT to BGND
– 143 to + 0.4
V
VBD
Voltage from BGND to DGND
– 3 to +0.5
V
IWBn
AC Current into the WBn outputs
(WBPn not connected to GND
250
mA
peak
INEG
Negative current injected in the WAn outputs (-40 to +85°C)
50
mA
Tstg
Storage temperature
– 60 to 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VCC
VCC supply voltage
4.75
5.25
V
VBAT
VBAT supply voltage
– 120
– 38
V
VBGND
BGND/DGND voltage
– 3
0.5
V
ILIMT
(1)
Programmable range of the
current limiting function
20
140
mA
IRelay
Relay driver current
70
mA
Ta normal
Ambient temperature normal
range
070
°C
Ta extended Ambient temperature extended
range
– 40
85
°C
Iloop
Max operating loop current
140
mA
RMIN
External, short circuit resistive
load from WAn to WBn
55
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com