Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5445 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLC5445
Description  QUAD LINE FEED CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5445 Datasheet(HTML) 1 Page - STMicroelectronics

  STLC5445 Datasheet HTML 1Page - STMicroelectronics STLC5445 Datasheet HTML 2Page - STMicroelectronics STLC5445 Datasheet HTML 3Page - STMicroelectronics STLC5445 Datasheet HTML 4Page - STMicroelectronics STLC5445 Datasheet HTML 5Page - STMicroelectronics STLC5445 Datasheet HTML 6Page - STMicroelectronics STLC5445 Datasheet HTML 7Page - STMicroelectronics STLC5445 Datasheet HTML 8Page - STMicroelectronics STLC5445 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1/23
STLC5445
October 2002
s
BATTERY VOLTAGE UP TO 120V
s
SUPPLIES POWER FOR UP TO FOUR
DIGITAL TELEPHONE LINES
s
PROGRAMMABLE CURRENT LIMITING
s
LONGITUDINAL CURRENT CANCELLATION
s
ETSI ETR80 COMPLIANT
s
OUTPUT CURRENT UP TO 140 mA
s
STATUS CONDITION DETECTION FOR
EACH LINE
s
AUTOMATIC THERMAL PROTECTION
s
AUTO POWER ON SEQUENCE
s
OUTPUT STAGE OPTIMIZED FOR MINIMAL
OUTPUT OVERVOLTAGE PROTECTION
s
TWO EXTERNAL RELAY DRIVERS PER LINE
s
PARALLEL OR MPI CONTROL INTERFACE
s
HI-QUAD PACKAGE 64 PIN
DESCRIPTION
The QUAD LINE FEED CONTROLLER provides a
power source for up to four U line interfaces. The
power source to the device is a local battery or a cen-
tralized regulated power supply. Each powered line is
individually controlled and monitored by the device
interface.
A MPI or a simple parallel interface can be selected
by a pin strap.
Each line can be individually powered and monitored:
therefore overload and faults can easily be detected
and localized even in a large system. The status con-
ditions detected by the device are: Current Overload,
Thermal Overload, Open Loop. If activated (by
means of a dedicated pin strap), a self generated
power on sequence avoids the thermal over stress
when a simultaneous power on has been requested
for more than one channel. The current limiting value
can globally be programmed for the four channels by
means of an external resistor. The device has two in-
tegrated relay drivers per line to drive the test relays
of the ISDN system.
HiQUAD-64
ORDERING NUMBER: STLC5445
QUAD LINE FEED CONTROLLER


Similar Part No. - STLC5445

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC5444 STMICROELECTRONICS-STLC5444 Datasheet
141Kb / 17P
QUAD FEEDER POWER SUPPLY
Dec-1997
STLC5444B1 STMICROELECTRONICS-STLC5444B1 Datasheet
141Kb / 17P
QUAD FEEDER POWER SUPPLY
Dec-1997
STLC5444FN STMICROELECTRONICS-STLC5444FN Datasheet
141Kb / 17P
QUAD FEEDER POWER SUPPLY
Dec-1997
More results

Similar Description - STLC5445

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS1489 NSC-DS1489 Datasheet
196Kb / 8P
Quad Line Receiver
DS75154 NSC-DS75154 Datasheet
120Kb / 8P
Quad Line Receiver
logo
ON Semiconductor
MC10H115 ONSEMI-MC10H115 Datasheet
96Kb / 3P
Quad Line Receiver
REV 5
MC1489 ONSEMI-MC1489 Datasheet
98Kb / 10P
Quad Line Receivers
April, 2004 ??Rev. 8
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489 Datasheet
338Kb / 13P
QUAD LINE RECEIVERS
Sep-2003
logo
ON Semiconductor
MC10H115 ONSEMI-MC10H115_06 Datasheet
152Kb / 6P
Quad Line Receiver
February, 2006 ??Rev. 7
MC10115 ONSEMI-MC10115_02 Datasheet
86Kb / 4P
Quad Line Receiver
January, 2002 ??Rev. 7
logo
Welwyn Components Limit...
ALFR-2 WELWYN-ALFR-2 Datasheet
136Kb / 2P
Telecommunications Line Feed Resistors
logo
IRC - a TT electronics ...
ALFR-2B IRCTT-ALFR-2B Datasheet
175Kb / 2P
Telecommunications Line Feed Resistors
logo
ARTSCHIP ELECTRONICS CO...
MC1489 ARTSCHIP-MC1489 Datasheet
2Mb / 9P
QUAD LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com