Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1601 Datasheet(PDF) 58 Page - STMicroelectronics

Part # STMPE1601
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STMPE1601 Datasheet HTML 53Page - STMicroelectronics STMPE1601 Datasheet HTML 54Page - STMicroelectronics STMPE1601 Datasheet HTML 55Page - STMicroelectronics STMPE1601 Datasheet HTML 56Page - STMicroelectronics STMPE1601 Datasheet HTML 57Page - STMicroelectronics STMPE1601 Datasheet HTML 58Page - STMicroelectronics STMPE1601 Datasheet HTML 59Page - STMicroelectronics STMPE1601 Datasheet HTML 60Page - STMicroelectronics STMPE1601 Datasheet HTML 61Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 58 / 61 page
background image
Package mechanical data
STMPE1601
58/61
16
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com
Figure 11. TFBGA25 package outline
Table 25.
TFBGA25 mechanical data
Dim.
mm.
inch
Min
Typ
Max
Min
Typ
Max
A
1.0
1.1
1.16
39.4
43.3
45.7
A1
0.25
9.8
A2
0.78
0.86
30.7
33.9
b
0.25
0.30
0.35
9.8
11.8
13.8
D
2.9
3.0
3.1
114.2
118.1
122.0
D1
2
78.8
E
2.9
3.0
3.1
114.2
118.1
122.0
E1
2
78.8
e
0.5
19.7
SE
0.25
9.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com