Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1601 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STMPE1601
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STMPE1601 Datasheet HTML 5Page - STMicroelectronics STMPE1601 Datasheet HTML 6Page - STMicroelectronics STMPE1601 Datasheet HTML 7Page - STMicroelectronics STMPE1601 Datasheet HTML 8Page - STMicroelectronics STMPE1601 Datasheet HTML 9Page - STMicroelectronics STMPE1601 Datasheet HTML 10Page - STMicroelectronics STMPE1601 Datasheet HTML 11Page - STMicroelectronics STMPE1601 Datasheet HTML 12Page - STMicroelectronics STMPE1601 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
STMPE1601
Electrical specification
9/61
4
Electrical specification
4.1
DC electrical characteristics
Table 7.
DC electrical characteristics
Symbol
Parameter
Test conditions
Value
Unit
Min
Typ
Max
VCC
1.8 V supply voltage
1.65
3.6
V
VIO
IO supply voltage
1.65
3.6
V
ICC
Active current
VIO VCC =1.8 V
T= 25 °C
1.2
1.6
mA
ISLEEP
Sleep current
18
25
μA
IHIBERNATE Hibernate current
0.5
1.5
μA
ICC
Active current
VIO VCC =3.3 V
T= 25 °C
3.0
3.8
mA
ISLEEP
Sleep current
50
60
μA
IHIBERNATE Hibernate current
(1)
1.
If only the basic GPIO function is required, the STMPE1601 could be designed to work mostly in hibernate
mode. Active mode is used only when there are any changes in the I/O status.
1.2
3
μA
ICC
Active current
VIO VCC =1.8 V
T= 85 °C
2mA
ISLEEP
Sleep current
32
μA
IHIBERNATE Hibernate current
2
μA
ICC
Active current
VIO VCC =3.3 V
T= 85 °C
4.8
mA
ISLEEP
Sleep current
75
μA
IHIBERNATE Hibernate current
(1)
5
μA
INT
Open drain output
current
4mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com