Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1601 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STMPE1601
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STMPE1601 Datasheet HTML 34Page - STMicroelectronics STMPE1601 Datasheet HTML 35Page - STMicroelectronics STMPE1601 Datasheet HTML 36Page - STMicroelectronics STMPE1601 Datasheet HTML 37Page - STMicroelectronics STMPE1601 Datasheet HTML 38Page - STMicroelectronics STMPE1601 Datasheet HTML 39Page - STMicroelectronics STMPE1601 Datasheet HTML 40Page - STMicroelectronics STMPE1601 Datasheet HTML 41Page - STMicroelectronics STMPE1601 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 61 page
background image
Basic PWM controller
STMPE1601
38/61
PWM_n_SET n=0-3
PWM_n_Setup n=0-3
Address:
0x50, 0x54, 0x58, 0x5C
Type:
RW
Reset:
0x00
Description:
PWM blinking control and brightness setting.
765
432
10
Brightness
Timing
R/WR/W
R/WR/W
R/WR/W
R/W
R/W
000
000
00
[7:4] BRIGTHNESS:
Duty cycle of PWM output during period 0
0000: duty cycle ratio 1:15 ( 6.25%, minimum brightness)
0001: duty cycle ratio 2:14 (12.50%)
0010: duty cycle ratio 3:13 (18.75%)
0011: duty cycle ratio 4:12 (25.00%)
0100: duty cycle ratio 5:11 (31.25%)
0101: duty cycle ratio 6:10 (37.50%)
0110: duty cycle ratio 7: 9 (43.75%)
0111: duty cycle ratio 8: 8 (50.00%)
1000: duty cycle ratio 9: 7 (56.25%)
1001: duty cycle ratio 10: 6 (62.50%)
1010: duty cycle ratio 11: 5 (68.75%)
1011: duty cycle ratio 12: 4 (75.00%)
1100: duty cycle ratio 13: 3 (81.25%)
1101: duty cycle ratio 14: 2 (87.50%)
1110: duty cycle ratio 15: 1 (93.75%)
1111: duty cycle ratio 16: 0 (100.00%, maximum brightness)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com