Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1601 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STMPE1601
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STMPE1601 Datasheet HTML 9Page - STMicroelectronics STMPE1601 Datasheet HTML 10Page - STMicroelectronics STMPE1601 Datasheet HTML 11Page - STMicroelectronics STMPE1601 Datasheet HTML 12Page - STMicroelectronics STMPE1601 Datasheet HTML 13Page - STMicroelectronics STMPE1601 Datasheet HTML 14Page - STMicroelectronics STMPE1601 Datasheet HTML 15Page - STMicroelectronics STMPE1601 Datasheet HTML 16Page - STMicroelectronics STMPE1601 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
STMPE1601
I2C interface
13/61
6.1
Minimizing current drain on I2C address lines
The GPIOs 13-15 are used as I2C address input during POR. Pull-up/down resistor of
500 K-1.5 M is recommended for these address lines. In the case that these pins are driven
to an opposite logic level during device operation, there would be a current drain of VIO/R.
This amounts to a significant current for portable devices.
To minimize the current drain on I2C lines, a few methods are recommended.
1.
If maximum keypad size is not required, these shared lines should not be used for
keypad operation.
2.
If the maximum keypad size is required, choose I2C address 0x40, as this requires that
all 3 address lines to be pulled to ground, minimizing the current drain in keypad
operation. In this mode of operation, the pull up/down resistors on the I2C lines should
be:
A reset circuit with longer RC is used to ensure enough time for the address lines to
settle to the final values.
3.
In system-controlled idle state, all keypad pins to be configured as hotkey with interrupt
enabled. If any key is pressed, system initiates keypad controller for scanning
operation.
Table 13.
Recommended pull up/down resistors on the I2C lines
VIO
1.8 V
2.5 V
3.3 V
Reset RC
or pulse width(1)
1.
Recommended values are chosen to minimize leakage current.
Note
RPU/RPD
1.5 M
1.2 M
1 M
270 K/0.47
μF
120 ms
All 3 address
lines are
used for
keypad
controller
RPU/RPD
1.0 M
800 K
660 K
180 K/0.47
μF
80 ms
2 address
lines are
used for
keypad
controller
RPU/RPD
500K
400K
330K
90K/0.47
μF
40 ms
1 address
line is used
for keypad
controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com