Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1601 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STMPE1601
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STMPE1601 Datasheet HTML 16Page - STMicroelectronics STMPE1601 Datasheet HTML 17Page - STMicroelectronics STMPE1601 Datasheet HTML 18Page - STMicroelectronics STMPE1601 Datasheet HTML 19Page - STMicroelectronics STMPE1601 Datasheet HTML 20Page - STMicroelectronics STMPE1601 Datasheet HTML 21Page - STMicroelectronics STMPE1601 Datasheet HTML 22Page - STMicroelectronics STMPE1601 Datasheet HTML 23Page - STMicroelectronics STMPE1601 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 61 page
background image
System controller
STMPE1601
20/61
7.1
States of operation
Figure 4.
Modes of operation
The device has three main modes of operation:
Operational mode: This is the mode, whereby normal operation of the device takes
place. In this mode, the RC clock is available and the main FSM unit routes this clock
and the 32 KHz clock to all the device blocks that are enabled. In this mode, individual
blocks that need not to
be working can be turned off by the master by programming the bits 3 to 0 of the
SYS_CTRL register.
Sleep mode: In this low-power mode, the RC oscillator is powered down. All the blocks
which need clocks derived from the 32KHz clock will continue getting a 32 KHz clock.
In this mode also, iindividual blocks can be turned off by the master by programming
the bits 3 to 0 of the SYS_CTRL register. However, the master needs to program the
SYS_CTRL register before coming into this mode, as in the sleep mode, the IIC
interface is not active except to detect traffic for wakeup. Any activity on the I2C port
(intended I2C transaction for the device) or Wakeup pin or Hotkey activity will cause the
device to leave this mode and go into the Operational mode. When leaving this mode,
the I2C will need to hold the SCLK till the RC clock is ready.
Hibernate mode: This mode is entered when the system writes a ‘1’ to bit 5 of the
SYS_CTRL register. In this mode, the device is completely inactive as there is
absolutely no clock. Only a Reset or a wakeup on IIC will bring back the System to
operational mode. A keypress detect will bring the system to Sleep mode, in which the
debounce of the key will take place.
Note:
The 32 kHz clock mentioned in this section can be (1) an externally fed 32 KHz clock, or (2)
an internally generated (from RC OSC) clock. In case the internal clock is used, the clock
has a range of 25 to 45 KHz.
OPERATIONAL
SLEEP
2
Set Disable_32K bit
Reset
HIBERNATE
32K: OFF
RC: OFF
Set Sleep bit
or autosleep
Valid Keypress
detect
I
2
C transaction
Keypad, Interrupts
&
I C transaction
32K: ON
RC: OFF
32K: ON
RC: OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com