Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1601 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STMPE1601
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STMPE1601 Datasheet HTML 4Page - STMicroelectronics STMPE1601 Datasheet HTML 5Page - STMicroelectronics STMPE1601 Datasheet HTML 6Page - STMicroelectronics STMPE1601 Datasheet HTML 7Page - STMicroelectronics STMPE1601 Datasheet HTML 8Page - STMicroelectronics STMPE1601 Datasheet HTML 9Page - STMicroelectronics STMPE1601 Datasheet HTML 10Page - STMicroelectronics STMPE1601 Datasheet HTML 11Page - STMicroelectronics STMPE1601 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
Maximum rating
STMPE1601
8/61
3
Maximum rating
Stressing the device above the rating listed in the “Absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
3.1
Absolute maximum rating
3.2
Thermal data
Table 5.
Absolute maximum rating
Symbol
Parameter
Value
Unit
VCC
Supply voltage
4.5
V
VIN
Input voltage on GPIO pin
4.5
V
VESD (HBM)
ESD protection on each GPIO pin
2
kV
Table 6.
Thermal data
Symbol
Parameter
Min
Typ
Max
Unit
RthJA
Thermal resistance junction-ambient
100
°C/W
TA
Operating ambient temperature
-40
25
85
°C
TJ
Operating junction temperature
-40
25
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com