Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1601 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STMPE1601
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STMPE1601 Datasheet HTML 19Page - STMicroelectronics STMPE1601 Datasheet HTML 20Page - STMicroelectronics STMPE1601 Datasheet HTML 21Page - STMicroelectronics STMPE1601 Datasheet HTML 22Page - STMicroelectronics STMPE1601 Datasheet HTML 23Page - STMicroelectronics STMPE1601 Datasheet HTML 24Page - STMicroelectronics STMPE1601 Datasheet HTML 25Page - STMicroelectronics STMPE1601 Datasheet HTML 26Page - STMicroelectronics STMPE1601 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
STMPE1601
Clocking system
23/61
8.2
Power mode programming sequence
To put the device in sleep mode, the following needs to be done by the host:
Write a '1' to bit 4 of the SYS_CTRL register.
To wake up the device, the host is required to:
Assert a wakeup routine on the I2C bus by sending the Start bit, followed by the
device address and the Write bit. Subsequently, proceed with sending the Base
Register address and continue with a normal I2C transaction. The device wakes
up upon receiving the correct device address and in Write direction. In other
words, the procedure of waking up the device is performed by just sending an I2C
transaction to the device. This procedure can be extended to wake up the device
that is in hibernate mode.
To do a soft reset to the device, the host needs to do the following:
Write a '1' to bit 7 of the SYS_CTRL register. This bit is automatically cleared upon
reset.
To go into Hibernate mode, the following needs to be done by the host:
Set the Disable_32K bit to '1'
To come out of the Hibernate mode, the following needs to be done by the host:
Assert a system reset
or put a wakeup on the I2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com