Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1601 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STMPE1601
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STMPE1601 Datasheet HTML 8Page - STMicroelectronics STMPE1601 Datasheet HTML 9Page - STMicroelectronics STMPE1601 Datasheet HTML 10Page - STMicroelectronics STMPE1601 Datasheet HTML 11Page - STMicroelectronics STMPE1601 Datasheet HTML 12Page - STMicroelectronics STMPE1601 Datasheet HTML 13Page - STMicroelectronics STMPE1601 Datasheet HTML 14Page - STMicroelectronics STMPE1601 Datasheet HTML 15Page - STMicroelectronics STMPE1601 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
I2C interface
STMPE1601
12/61
6
I2C interface
The features that are supported by the I2C interface are listed below:
I2C slave device
Operates at VCC (1.8 - 3.3 V)
Compliant to Philips I2C specification version 2.1
Supports standard (up to 100kbps) and fast (up to 400 kbps) modes
7-bit and 10-bit device addressing modes
General Call
Start/Restart/Stop
Address up to 8 STMPE1601 devices via the I2C interface
The address is selected by the state of 3 pins. The state of the pins is read upon reset and
then the pins can be configured for normal operation. The pins have a pull-up or down to set
the address. The I2C interface module allows the connected host system to access the
registers in the STMPE1601.
Table 12.
I2C addresses
A2
A1
A0
7-bit address
000
40h
001
41h
010
42h
011
43h
100
44h
101
45h
110
46h
111
47h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com