Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1601 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STMPE1601
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STMPE1601 Datasheet HTML 32Page - STMicroelectronics STMPE1601 Datasheet HTML 33Page - STMicroelectronics STMPE1601 Datasheet HTML 34Page - STMicroelectronics STMPE1601 Datasheet HTML 35Page - STMicroelectronics STMPE1601 Datasheet HTML 36Page - STMicroelectronics STMPE1601 Datasheet HTML 37Page - STMicroelectronics STMPE1601 Datasheet HTML 38Page - STMicroelectronics STMPE1601 Datasheet HTML 39Page - STMicroelectronics STMPE1601 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 61 page
background image
Basic PWM controller
STMPE1601
36/61
PWM_OFF_OUTPUT
PWM off output
Address:
0x40
Type:
R/W
Reset:
0x00
Description:
Set the output level when the PWM is disabled
CHANNEL_FUNCT_EN
Channel function enabling
Address:
0x41
Type:
R/W
Reset:
0x00
Description:
Enable/disable individual basic PWM channels.
765
432
10
-
-
-
-
OUT3
OUT2
OUT1
OUT0
RW
RW
RW
RW
RW
RW
RW
RW
000
000
00
[3:0] OUTPUT3~0:
Default is ‘0’
1: PWM channel outputs ‘1’ when disabled
0: PWM channel outputs ‘0’ when disabled
765
432
10
ALT_3
ALT_2
ALT_1
ALT_0
EN_3
EN_2
EN_1
EN_0
RW
RW
RW
RW
RW
RW
RW
RW
000
000
00
[7:4] ALT [3:0]:
Alternate mode
Default is ‘0’
HW writes to ‘1’ if alternate operating feature (one-shot/WDT) is required
[3:0] EN [3:0]:
PWM channel enable
Default is ‘0’
SW writes ‘1’ to start PWM channel
HW writes ‘0’ when PWM blinking is completed.
SW writes ‘0’ to stop the PWM channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com