Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1601 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STMPE1601
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STMPE1601 Datasheet HTML 31Page - STMicroelectronics STMPE1601 Datasheet HTML 32Page - STMicroelectronics STMPE1601 Datasheet HTML 33Page - STMicroelectronics STMPE1601 Datasheet HTML 34Page - STMicroelectronics STMPE1601 Datasheet HTML 35Page - STMicroelectronics STMPE1601 Datasheet HTML 36Page - STMicroelectronics STMPE1601 Datasheet HTML 37Page - STMicroelectronics STMPE1601 Datasheet HTML 38Page - STMicroelectronics STMPE1601 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
STMPE1601
Basic PWM controller
35/61
11
Basic PWM controller
The advanced PWM allows complex brightness and blinking control of an LED. The basic
PWM controller allows simpler brightness control and basic blinking patterns. The
STMPE1601 is fitted with a 4-channel basic PWM controller.
Table 23.
Basic PWM controller
Address
Register name
Description
Auto-increment
(during sequential R/W)
0x40
PWM_OFF_OUT
Set the output level when PWM is
disabled
Yes
0x41
CHANNEL_FUNCT_EN
Enable/disable individual basic
PWM channels
Yes
0x50
PWM_0_SET
PWM_0 brightness and timing
setting
Yes
0x51
PWM_0_CTRL
PWM_0 blinking control
Yes
0x52
PWM_0_TRIGGER
Enable use trigger on PWM 0
Yes
0x54
PWM_1_SET
PWM_1 brightness and timing
setting
Yes
0x55
PWM_1_CTRL
PWM_1 blinking control
Yes
0x56
PWM_1_TRIGGER
Enable use trigger on PWM 1
Yes
0x58
PWM_2_SET
PWM_2 brightness and timing
setting
Yes
0x59
PWM_2_CTRL
PWM_2 blinking control
Yes
0x5A
PWM_2_TRIGGER
Enable use trigger on PWM 2
Yes
0x5C
PWM_3_SET
PWM_3 brightness and timing
setting
Yes
0x5D
PWM_3_CTRL
PWM_3 blinking control
Yes
0x5E
PWM_3_TRIGGER
Enable use trigger on PWM 3
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com