Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5376V032 Datasheet(PDF) 7 Page - STMicroelectronics

Part # VT5376V032
Description  Ultra-low power laser motion sensor for laser mouse applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5376V032 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VT5376V032 Datasheet HTML 3Page - STMicroelectronics VT5376V032 Datasheet HTML 4Page - STMicroelectronics VT5376V032 Datasheet HTML 5Page - STMicroelectronics VT5376V032 Datasheet HTML 6Page - STMicroelectronics VT5376V032 Datasheet HTML 7Page - STMicroelectronics VT5376V032 Datasheet HTML 8Page - STMicroelectronics VT5376V032 Datasheet HTML 9Page - STMicroelectronics VT5376V032 Datasheet HTML 10Page - STMicroelectronics VT5376V032 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
VT5376
Power supply options and power consumption
7/30
2
Power supply options and power consumption
The sensor includes a DCDC controller to supply the laser / LED. This allows the overall
sensor system to operate from a single AA or AAA battery supply voltage (from 1.6V down
to 1V), allowing for a simple and low power / low cost system design. Two power supply
schemes can be used.
2.1
Low cost application
The internal DCDC controller and voltage regulators are used so that the overall application
can be supplied from a single AA/AAA battery cell, without the need for an external step-up
convertor device. This approach is extremely economical.
Note:
1
DCDC efficiency from single battery cell to Vtop (typical 2.2V) is around 70%.
2
Maximum load on Vtop is 25mA
2.2
External supply application
In this instance, the internal DCDC controller and voltage regulators are turned off and
bypassed. The sensor then needs to be supplied with a single regulated 1.8V +/- 0.1V.
Table 2.
Typical power supply and power consumption
Run
IDLE1
IDLE2
SLEEP
4000 fps
2000 fps
1000 fps
Total @ ITop
(chip + Laser/LED)
5.8 mA
3.5 mA
2.4 mA
0.3 mA
0.15 mA
0.1 mA
Total chip @Vbat
0.04 mA
0.04 mA
0.04 mA
0.04 mA
0.04 mA
0.04 mA
Table 3.
Power supply and typical power consumption
Run
IDLE1
IDLE2
SLEEP
4000 fps
2000 fps
1000 fps
Total
@Vtop/Vbat/Dvdd/
Avdd (1.8V)
Chip + Laser/LED
5.8 mA
3.5 mA
2.4 mA
0.3 mA
0.15 mA
0.1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com