Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5376V032 Datasheet(PDF) 8 Page - STMicroelectronics

Part # VT5376V032
Description  Ultra-low power laser motion sensor for laser mouse applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5376V032 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VT5376V032 Datasheet HTML 4Page - STMicroelectronics VT5376V032 Datasheet HTML 5Page - STMicroelectronics VT5376V032 Datasheet HTML 6Page - STMicroelectronics VT5376V032 Datasheet HTML 7Page - STMicroelectronics VT5376V032 Datasheet HTML 8Page - STMicroelectronics VT5376V032 Datasheet HTML 9Page - STMicroelectronics VT5376V032 Datasheet HTML 10Page - STMicroelectronics VT5376V032 Datasheet HTML 11Page - STMicroelectronics VT5376V032 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Electrical characteristics
VT5376
8/30
3
Electrical characteristics
3.1
Supply voltages (using internal DC/DC controller)
3.2
Supply voltages (direct drive, bypassing DC/DC controller)
3.3
Logic IO
Table 4.
Supply voltages using DC/DC controller
Symbol
Parameter
Min.
Typ.
Max.
Unit
VTOP
Boosted supply(1)
1.
Value defined by resistors ratio
2.0
2.2
2.6
V
VBAT
Supply from single AA cell
1.0
1.25
1.6
V
Table 5.
Supply voltage values (direct drive, bypassing DC/DC controller)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VTOP
Boosted supply
1.7
1.8
1.9
V
VBAT
Supply from single AA cell
1.0
1.8
1.9
V
AVDD
Analog supply
1.7
1.8
1.9
V
DVDD
Digital core supply
1.7
1.8
1.9
V
VREG
Digital core supply
1.7
1.8
1.9
V
Table 6.
Digital IO electrical characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
CMOS digital inputs (Reset_Out, Motion, PowerDown, SDA and SCL)
VIL
Low level input voltage
0
0.3*VDD
V
VIH
High level input voltage
0.7*VDD
VDD + 0.3
V
IIL
Low level input current
-1
µA
IIH
High level input current
1
µA
CMOS digital outputs
VOL
Low level output voltage (4mA load)
0.3*VDD
V
VOH
High level output voltage (4mA load)
0.7*VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com