Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5376V032 Datasheet(PDF) 29 Page - STMicroelectronics

Part # VT5376V032
Description  Ultra-low power laser motion sensor for laser mouse applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5376V032 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button VT5376V032 Datasheet HTML 22Page - STMicroelectronics VT5376V032 Datasheet HTML 23Page - STMicroelectronics VT5376V032 Datasheet HTML 24Page - STMicroelectronics VT5376V032 Datasheet HTML 25Page - STMicroelectronics VT5376V032 Datasheet HTML 26Page - STMicroelectronics VT5376V032 Datasheet HTML 27Page - STMicroelectronics VT5376V032 Datasheet HTML 28Page - STMicroelectronics VT5376V032 Datasheet HTML 29Page - STMicroelectronics VT5376V032 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
VT5376
Ordering information
29/30
11
Ordering information
12
Revision history
Table 11.
Ordering information
Order code
Package
Packing
VT5376V032
TQFP32 OPTO 7 mm x 7 mm x 1.4 mm
Tray
Table 12.
Evaluation boards ordering information
Order code
Description
STV-376-E01
USB2 VT5376 high-speed imaging system evaluation board
STV-376-E02
VT5376 sensor in a full-speed wired laser mouse evaluation board
STV-376-E03
VT5376 sensor in a low-speed wireless laser mouse evaluation board
Table 13.
Document revision history
Date
Revision
Changes
27-Sep-2007
1
Initial release.
09-Sep-2008
2
Updated
– Chapter 1: Motion performance
– Chapter 2: Power supply options and power consumption
– Chapter 3: Electrical characteristics
– Chapter 5: I2C control register map
– Chapter 6: Laser
– Chapter 7: General features
– Chapter 8: Typical application
– Chapter 9: Pinout
– Chapter 10: Package mechanical data
– Chapter 11: Ordering information
– Image download sections (Section 7.4 and Section 7.5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com