Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5376V032 Datasheet(PDF) 16 Page - STMicroelectronics

Part # VT5376V032
Description  Ultra-low power laser motion sensor for laser mouse applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5376V032 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VT5376V032 Datasheet HTML 12Page - STMicroelectronics VT5376V032 Datasheet HTML 13Page - STMicroelectronics VT5376V032 Datasheet HTML 14Page - STMicroelectronics VT5376V032 Datasheet HTML 15Page - STMicroelectronics VT5376V032 Datasheet HTML 16Page - STMicroelectronics VT5376V032 Datasheet HTML 17Page - STMicroelectronics VT5376V032 Datasheet HTML 18Page - STMicroelectronics VT5376V032 Datasheet HTML 19Page - STMicroelectronics VT5376V032 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
I2C control register map
VT5376
16/30
0x61
[7:0]
IMAGE[7:0]
RO
This register contains the pixel value
when the frame dump feature has
been activated (reg 0x62, bit 0).
To read the 400 pixels from the
captured frame, the register must be
read 400 consecutive times.
0x62
[0]
Frame dump mode enable
RW
0h
If set to 1, the device will capture a
single frame. When the frame is
captured and ready to be downloaded
via reg 0x61, bit 2 (frame ready) is set.
[1]
Frame dump start
RO
0h
Bit is set at start of frame dump
[2]
Frame ready for download
0h
This bit is asserted when the captured
frame is ready to be downloaded via
reg 0x61.
When frame download is complete,
bit 3 is reset
[3]
Frame upload complete
0h
This flag is set when all 400 pixels
have been read by I2C host.
[4]
PCI Test enable
R/W
0h
If set Motion, Laser_NEN, Reset_Out
and VGate_On become PCI data
ouptuts (QCLK, FST and 2 bits serial
data)
0x82
[1]
Timer ITR enable
R/W
1h
Timer interrupt enable.
1.
Internal ACCUMULATOR is reduced from this value every time it is read.
2.
Default changes to 1 for a laser system after host_config_done (that is, system set up for optics without a lens)
Table 7.
I2C control register map (continued)
Address
Bits
Name
R/W
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com