Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5376V032 Datasheet(PDF) 20 Page - STMicroelectronics

Part # VT5376V032
Description  Ultra-low power laser motion sensor for laser mouse applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5376V032 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VT5376V032 Datasheet HTML 16Page - STMicroelectronics VT5376V032 Datasheet HTML 17Page - STMicroelectronics VT5376V032 Datasheet HTML 18Page - STMicroelectronics VT5376V032 Datasheet HTML 19Page - STMicroelectronics VT5376V032 Datasheet HTML 20Page - STMicroelectronics VT5376V032 Datasheet HTML 21Page - STMicroelectronics VT5376V032 Datasheet HTML 22Page - STMicroelectronics VT5376V032 Datasheet HTML 23Page - STMicroelectronics VT5376V032 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
General features
VT5376
20/30
Figure 10.
Frame dump mode timing diagram
7.5
Image streaming
To enter this test mode, set bit 4 of registry 0x62 to 1 (PCI_test_enable).
In this mode, the pins VGATE_ON, RESET_OUT, LASER_NEN and MOTION are used to
output serially fast video data in the form of 2 bits nibble + FST and QCLK.
Upon receipt of an FST (LASER_NEN) rising edge, NIB_EVEN (VGATE_ON) and
NIB_ODD (RESET_OUT) output data every 48 MHz clock cycle. The signals should be
sampled 10 ns after the FST rising edge, and then every 20.8 ns exactly, during
400 x 4 = 1600 cycles.
Groups of four consecutive NIB_EVEN and NIB_ODD must then be repackaged together to
form a single 8-bit pixel data. This format enables the pixels to be output at the same frame
rate as normal operation, and keeps I2C available to access the usual register settings.
For more details on image streaming please refer to the VT5376 image system user
manual.
frame_dump_en
frame_dump_ready
frame_dump_pixel
frame_dump_completed
0
1
2
3
398
399
pixel address
set by user
400 x I2C single reads of pixel data
set by 376
set by 376
FRAME DUMP MODE
NORMAL MODE
NORMAL MODE
reset by user



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com