Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5376V032 Datasheet(PDF) 13 Page - STMicroelectronics

Part # VT5376V032
Description  Ultra-low power laser motion sensor for laser mouse applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5376V032 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VT5376V032 Datasheet HTML 9Page - STMicroelectronics VT5376V032 Datasheet HTML 10Page - STMicroelectronics VT5376V032 Datasheet HTML 11Page - STMicroelectronics VT5376V032 Datasheet HTML 12Page - STMicroelectronics VT5376V032 Datasheet HTML 13Page - STMicroelectronics VT5376V032 Datasheet HTML 14Page - STMicroelectronics VT5376V032 Datasheet HTML 15Page - STMicroelectronics VT5376V032 Datasheet HTML 16Page - STMicroelectronics VT5376V032 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
VT5376
I2C control register map
13/30
0x0A
[7]
Force Laser Out ON
RW
0h
If set to 1, this sets the LASER_OUT
DAC always ON (instead of toggling
normally). This mode is provided in
case the DAC current needs
calibrating. To confirm this mode,
register 0x0D will also need to be
written to (complement data).
[6:0]
DAC current setting
RW
7Fh
Sets DAC current setting. To validate
the setting, register 0x0D will also
need to be written to (complement
data). With Rbin = 12K ohms,
0x7F: 3.4mA
0x00: 10mA.
0x0B
[0]
Laser Drive Enable
RW
0h
0: Current source OFF
1: Enable current source
[1]
Laser NEN Out
RW
1h
Laser NEN pin state
Note: This command is only valid if bit
[5] is 1
[2]
Laser NEN OD Enable
RW
1h
0: LASER_NEN 1.8V capable CMOS
1: LASER_NEN - OpenDrain 5V
tolerant
Note: This command is only valid if bit
[5] is 1
[3]
Force Laser Out High
RW
0h
0: Normal operation, LASEROUT set
by DAC
1: Set to 1 to detect short to GND on
LASER_OUT
[4]
Laser comp Enable
RW
0h
0: Disable fault detection comparators
1: Enable fault detection comparators
[5]
Laser NEN trk led n
RW
0h
0: LASER_NEN replaced by
TRK_LED pulse (LED)
1: LASER_NEN controlled by bits [1]
and [2] (Laser)
[6]
Laser Bias Enable
RW
0h
0: Disable bias current source
1: Enable bias current source
Note: valid only if bit [7] is high
[7]
Laser Bias Ctrl
RW
0h
0 : Laser bias is driven the same way
as laser drive (DAC)
1 : Laser bias is controlled with
laser_bias_enable signal (bit [6])
Table 7.
I2C control register map (continued)
Address
Bits
Name
R/W
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com