Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5376V032 Datasheet(PDF) 23 Page - STMicroelectronics

Part # VT5376V032
Description  Ultra-low power laser motion sensor for laser mouse applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5376V032 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button VT5376V032 Datasheet HTML 19Page - STMicroelectronics VT5376V032 Datasheet HTML 20Page - STMicroelectronics VT5376V032 Datasheet HTML 21Page - STMicroelectronics VT5376V032 Datasheet HTML 22Page - STMicroelectronics VT5376V032 Datasheet HTML 23Page - STMicroelectronics VT5376V032 Datasheet HTML 24Page - STMicroelectronics VT5376V032 Datasheet HTML 25Page - STMicroelectronics VT5376V032 Datasheet HTML 26Page - STMicroelectronics VT5376V032 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
VT5376
Typical application
23/30
8
Typical application
Figure 14.
Very low power and low cost wireless laser application
1.8V
MCU
1 AA
buttons/scroll wheel/tilt wheel
RF module
1.8V
BT or 2.4 GHz prop
VTOP (>=2.2V)
Low Batt
1.8V
VTOP
resolution setting switches
display
1
LASER_OUT
RBIN
LASER_NEN
AVSS
AVDD
DVDD2
DVSS2
VBAT
RC_OSC
SDA
SCL
MOTION
VREF
VGATE_START
VT5376
RESET_OUT
VGATE_ON
PDN* = POWER_DOWN
max load = 25mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com