Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5376V032 Datasheet(PDF) 26 Page - STMicroelectronics

Part # VT5376V032
Description  Ultra-low power laser motion sensor for laser mouse applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5376V032 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button VT5376V032 Datasheet HTML 22Page - STMicroelectronics VT5376V032 Datasheet HTML 23Page - STMicroelectronics VT5376V032 Datasheet HTML 24Page - STMicroelectronics VT5376V032 Datasheet HTML 25Page - STMicroelectronics VT5376V032 Datasheet HTML 26Page - STMicroelectronics VT5376V032 Datasheet HTML 27Page - STMicroelectronics VT5376V032 Datasheet HTML 28Page - STMicroelectronics VT5376V032 Datasheet HTML 29Page - STMicroelectronics VT5376V032 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
Pinout
VT5376
26/30
9.1
Pin description
Note:
All other pins are NOT CONNECTED.
Table 9.
VT5376 pin description
Pin
Pin name
Type
Description
Comment
1
AVDD
PWR
1.8 V regulated and analog supply
Connect to VREG/DVDD
2
VGATE_ON
I/O
Digital IO
Supplied by VTOP
3
VREF
ANA
Analog ref input
To set VTOP
4
VBAT
PWR
Single battery supply
int DCDC: 1.0 V to 1.6 V
ext: 1.0 V to 1.9 V
5
VGATE_START
ANA
Output
Supplied by Vbat
6
LASER_OUT
ANA
Laser drive set by internal DAC
7
RBIN
ANA
Sets maximum laser/led current
Typical 12K ohms
8
LASER_NEN
I/O
Laser enable
Active low
17
RESET_OUT
I/O
Digital IO
1.8V only
18
DVDD2
PWR
1.8 V regulated and digital supply
Connect to VREG
19
DVSS2
PWR
Digital Ground
20
RC_OSC
ANA
6 MHz Oscillator
Connect 33pF to ground
21
MOTION
I/O
Digital IO
1.8V only
22
SCL
I/O
Digital IO
5V tolerant
23
SDA
I/O
Digital IO
5V tolerant
25
POWERDOWN
I/O
Digital IO
Active high
26
TEST_CLOCK
I/O
Digital IO
Connect to ground
28
VTOP
PWR
Power supply for internal regulators
int DCDC: 2.0 V to 2.6 V
Ext: 1.8 V +/-0.1 V
29
VREG
PWR
1.8 V regulated supply
Connect to DVDD/AVDD
31
DVSS1
PWR
Digital ground
32
AVSS
PWR
Analog ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com