Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5376V032 Datasheet(PDF) 14 Page - STMicroelectronics

Part # VT5376V032
Description  Ultra-low power laser motion sensor for laser mouse applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5376V032 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VT5376V032 Datasheet HTML 10Page - STMicroelectronics VT5376V032 Datasheet HTML 11Page - STMicroelectronics VT5376V032 Datasheet HTML 12Page - STMicroelectronics VT5376V032 Datasheet HTML 13Page - STMicroelectronics VT5376V032 Datasheet HTML 14Page - STMicroelectronics VT5376V032 Datasheet HTML 15Page - STMicroelectronics VT5376V032 Datasheet HTML 16Page - STMicroelectronics VT5376V032 Datasheet HTML 17Page - STMicroelectronics VT5376V032 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
I2C control register map
VT5376
14/30
0x0C
[5]
Rbin Low
RO
0h
0: Rbin above threshold
1: Rbin below threshold (shorted to
GND)
Note: if Laser_Comp_Enable (reg
0x0B, bit [4]) = 0, Rbin_Low=1
[6]
Laser Low
RO
0h
0: Laser OUT above LOW threshold
1: Laser OUT below LOW threshold
(shorted to GND).
Note: if Laser_Comp_Enable = 0,
Laser_Low = 1
[7]
Laser High
RO
0h
0: Laser OUT below HIGH threshold
1: Laser OUT above HIGH threshold
(shorted to VDD).
Note: if Laser_Comp_Enable = 0,
Laser_High = 1
0x0D
[7]
Force Laser Out ON (Compl)
RW
1h
If set to 0, this sets the LASER_OUT
DAC always ON (instead of toggling
normally). This mode is provided in
case the DAC current needs
calibrating. To confirm this mode,
register 0x0A will also need to be
written to (complement data).
[6:0]
DAC current setting (Compl)
RW
00h
Sets DAC current setting. To validate
the setting, register 0x0A will also
need to be written to (complement
data). With Rbin = 12K ohms,
0x00: 3.4mA
0x7F: 10mA
0x21
[7:0]
X_motion
RO
This register holds the overall X
movement data since last polling was
done.
Value is 8 bit 2’s complement.(1)
0x22
[7:0]
Y_motion
RO
This register holds the overall Y
movement data since last polling was
done.
Value is 8 bit 2’s complement.(1)
0x23
[0]
X Overflow
RO
0h
This register records if the X-motion
integrator has reached its limit.
[1]
Y Overflow
RO
0h
This register records if the Y-motion
integrator has reached its limit.
[3]
No Motion
RO
0h
This bit is asserted if both X/Y
integrators are empty
Table 7.
I2C control register map (continued)
Address
Bits
Name
R/W
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com