Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5376V032 Datasheet(PDF) 24 Page - STMicroelectronics

Part # VT5376V032
Description  Ultra-low power laser motion sensor for laser mouse applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5376V032 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button VT5376V032 Datasheet HTML 20Page - STMicroelectronics VT5376V032 Datasheet HTML 21Page - STMicroelectronics VT5376V032 Datasheet HTML 22Page - STMicroelectronics VT5376V032 Datasheet HTML 23Page - STMicroelectronics VT5376V032 Datasheet HTML 24Page - STMicroelectronics VT5376V032 Datasheet HTML 25Page - STMicroelectronics VT5376V032 Datasheet HTML 26Page - STMicroelectronics VT5376V032 Datasheet HTML 27Page - STMicroelectronics VT5376V032 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Typical application
VT5376
24/30
8.1
Overall 2.4 GHz mouse power consumption example
Assumptions
●
VCSEL, MCU and 2.4 GHz Tx operate from 2.2 V
●
MCU consumes 1 mA in running mode and 50 uA in standby mode. In no motion
period, it remains in standby until it receives an interrupt from the VT5376, indicating
that MOTION has been detected.
●
2.4 GHz Tx consumes 10 mA, but data is sent by bursts of 500 µs every 5 ms (that is
Nordic nRF2402).
●
Maximum current is delivered to VCSEL (10 mA strobed).
●
DCDC efficiency is 70%
●
Ambient temperature
Using STMicroelectronics battery life model, these values would enable the mouse to
operate for 12 months from two AA batteries in parallel.
Table 8.
Power supply and typical power consumption
Run
IDLE1
IDLE2
SLEEP
4000 fps
2000 fps
1000 fps
Total @Vbat (1.25 V)
18 mA
12 mA
9.3 mA
0.59 mA
0.29 mA
0.24 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com