Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5953 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L5953
Description  Multiple switching voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5953 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L5953_07 Datasheet HTML 2Page - STMicroelectronics L5953_07 Datasheet HTML 3Page - STMicroelectronics L5953_07 Datasheet HTML 4Page - STMicroelectronics L5953_07 Datasheet HTML 5Page - STMicroelectronics L5953_07 Datasheet HTML 6Page - STMicroelectronics L5953_07 Datasheet HTML 7Page - STMicroelectronics L5953_07 Datasheet HTML 8Page - STMicroelectronics L5953_07 Datasheet HTML 9Page - STMicroelectronics L5953_07 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Block diagram and electrical specifications
L5953
6/31
1
Block diagram and electrical specifications
Figure 1.
Block diagram
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD
DC operating supply voltage
-0.6 to 30
V
Transient supply over voltage (250ms)
50
V
VSPI
Supply voltage for SPI I/O
-0.6 to 6
V
IO
Voltage regulator output current
Internally limited
Vinlog
Input voltage (C, D, Q, S, SYNC)
0 to 6
V
RESR
Output capacitor series e.g. resistance
(linear reg.) (allowed range)
From 0.2 to 10
W
Top
Operating temperature range
-40 to 85
°C
Tstg
Storage temperature ranges
-55 to 150
°C
Tj
Operative junction temperature
-40 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction to case
1.7
°C/W
VOLTAGE WARNING
SPI INTERFACE
REC2
LINEAR VOLTAGE
REGULATOR
1.5-3.3V/300mA
HSD1
HSD1
HSD2
HSD2
COMP
FB
GATEOUT
GATEIN
VSW
DRAINOUT
STRAP
ADJ
VSTBY
GND
SWGND
S1
W1
S2
W2
VDD-LIN
REC1
ST-BY LINEAR VOLTAGE
REGULATOR
3.3-5V/250mA
PWM
STEP DOWN
REGULATOR
2.5-10V/1A
OSCILLATOR &
SYNC
STCAP
CT
RES
VDD-SW
IRQ
Q
D
S
C
VLR
FBLR
VIN
SYNC
VSPI
DGND
FGND
D01AU1330A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com