Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5953 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L5953
Description  Multiple switching voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5953 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L5953_07 Datasheet HTML 10Page - STMicroelectronics L5953_07 Datasheet HTML 11Page - STMicroelectronics L5953_07 Datasheet HTML 12Page - STMicroelectronics L5953_07 Datasheet HTML 13Page - STMicroelectronics L5953_07 Datasheet HTML 14Page - STMicroelectronics L5953_07 Datasheet HTML 15Page - STMicroelectronics L5953_07 Datasheet HTML 16Page - STMicroelectronics L5953_07 Datasheet HTML 17Page - STMicroelectronics L5953_07 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Functional description
L5953
14/31
2
Functional description
2.1
REG1 stand-by regulator
The stand-by regulator (
Figure 7.) output voltage can be 5V or 3.3V. It is externally
selectable by means of the ADJ pin:
- leaving the ADJ pin open, the output voltage is 5V;
- connecting the ADJ pin to the Vstby pin the output voltage becomes 3.3V.
This regulator is supplied by STCAP pin and provide the reset information.
It has a current protection which limits the maximum allowable output current.
2.2
Reset
The RES pin (
Figure 8.) is an open collector that is activated (that is forced to zero) when
the stand-by regulator is not in regulation (including thermal shutdown and faults). The
indication that REG1 is in regulation is delayed by a time set up by the external capacitor CT.
When the RES is switched on, HSD1, HSD2, REG2, PWM are turned off and until the RES
is forced to zero only the REG1 and low Voltage Warnings are active.
2.3
Low voltage warning
This circuit is able to sense two different voltages through external resistors to increase the
overall flexibility. (
Figure 9.)
If S1 pin voltage is higher than Vst, the output of mos M1 is off: W1 is floating and can be
pulled up by an external resistor. If S1 pin voltage goes down and becomes lower than Vst,
the mos M1 is turned on and forces W1 to zero. The same thing happens for S2 - W2.
The outputs W1 and W2 can be connected together to get a single output.
2.4
REG2 linear voltage regulator
REG2 is a linear voltage regulator (
Figure 7.) with a dedicated supply pin VIN. The output
voltage (between 1.5V and 3.3V) is fixed by an external divider. It can be turned on/off by
SPI. It has a current protection which limits the maximum allowable output current.
2.5
High side drivers
Two high-side driver (
Figure 10.) with charge pump controlled by SPI are available inside
L5953. They are protected against short to ground: the short circuit protection limits the
maximum output current.
A diagnostic procedure is available to detect open load, short to battery and overcurrent.
Open load and short to battery can be reveal only in test mode while overcurrent is active
only during normal operation of the device. (see
4.2 on page 18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com