Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5953 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L5953
Description  Multiple switching voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5953 Datasheet(HTML) 1 Page - STMicroelectronics

  L5953_07 Datasheet HTML 1Page - STMicroelectronics L5953_07 Datasheet HTML 2Page - STMicroelectronics L5953_07 Datasheet HTML 3Page - STMicroelectronics L5953_07 Datasheet HTML 4Page - STMicroelectronics L5953_07 Datasheet HTML 5Page - STMicroelectronics L5953_07 Datasheet HTML 6Page - STMicroelectronics L5953_07 Datasheet HTML 7Page - STMicroelectronics L5953_07 Datasheet HTML 8Page - STMicroelectronics L5953_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
September 2007
Rev 2
1/31
1
L5953
Multiple switching voltage regulator
Features
■ PWM: adjustable 2.5/10V - 1A switching
voltage regulator
■ External POWER MOS ability for output
current enhancement
■ Synchronization function
■ REG1- Linear low drop 3.3/5V - 250mA STBY
voltage regulator (low current consumption)
with RESET
■ REG2- Linear voltage regulator 1.5V to 3.3V
externally adjustable - 300mA maximum
current
■ HSD1 : 500mA High side driver
■ HSD2 : 200mA High side driver
■ SPI Interface
■ SPI Diagnostics HSD1, HSD2
■ Double switching frequency SPI selectable
■ Double inpuT LVW
SPI functions
■ Input controls
– Turn-on/off PWM
– Turn-on/off REG2
– Turn-on/off HSD1
– Turn-on/off HSD2
– Switching frequency selection f1- f2
■ Output functions:
– HSD1 & HSD2 short to gnd, open load and
short to battery (Test mode)
– Thermal warning
Protections
■ Over voltage protection
■ Internal current limiting
■ Thermal shutdown
■ ESD
Description
The L5953 is the integration of one switching
regulator, two linear voltage regulators, two low
voltage warnings and two high side drivers. It has
a stand-by operation mode (low current
consumption) where only the stand-by voltage
regulator plus the low voltage warnings are active.
The other regulators and high side drivers are
controlled by the SPI interface.
PowerSO36
Table 1.
Device summary
Part number
Package
Packing
L5953
PowerSO36
Tray
www.st.com


Similar Part No. - L5953_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5953 STMICROELECTRONICS-L5953 Datasheet
217Kb / 24P
MULTIPLE SWITCHING VOLTAGE REGULATOR
Sep-2003
More results

Similar Description - L5953_07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3602 PHILIPS-TDA3602 Datasheet
205Kb / 26P
Multiple output voltage regulator
July 1994
TDA3615J PHILIPS-TDA3615J Datasheet
113Kb / 18P
Multiple voltage regulator
2004 Jan 12
TDA3617 PHILIPS-TDA3617 Datasheet
79Kb / 16P
Multiple voltage regulator
1999 Jul 14
logo
Sanyo Semicon Device
LA5665 SANYO-LA5665 Datasheet
72Kb / 3P
Multifunction Multiple Voltage Regulator
LA5666 SANYO-LA5666 Datasheet
77Kb / 3P
Multifunction Multiple Voltage Regulator?
LA5667 SANYO-LA5667 Datasheet
77Kb / 3P
Multifunction Multiple Voltage Regulator???
logo
STMicroelectronics
L5952 STMICROELECTRONICS-L5952 Datasheet
145Kb / 15P
MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR
Sep-2003
logo
Hitachi Semiconductor
HA13164A HITACHI-HA13164A Datasheet
130Kb / 18P
Multiple Voltage Regulator
logo
STMicroelectronics
L5953 STMICROELECTRONICS-L5953 Datasheet
217Kb / 24P
MULTIPLE SWITCHING VOLTAGE REGULATOR
Sep-2003
L5962 STMICROELECTRONICS-L5962 Datasheet
248Kb / 24P
Multiple linear/switching voltage regulator for car-radio
10-Dec-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com