Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5953 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L5953
Description  Multiple switching voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5953 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L5953_07 Datasheet HTML 15Page - STMicroelectronics L5953_07 Datasheet HTML 16Page - STMicroelectronics L5953_07 Datasheet HTML 17Page - STMicroelectronics L5953_07 Datasheet HTML 18Page - STMicroelectronics L5953_07 Datasheet HTML 19Page - STMicroelectronics L5953_07 Datasheet HTML 20Page - STMicroelectronics L5953_07 Datasheet HTML 21Page - STMicroelectronics L5953_07 Datasheet HTML 22Page - STMicroelectronics L5953_07 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
L5953
SPI interface
19/31
.
.
Table 8.
Instruction set
Instruction
Description
Instruction Format
WREN
Set write enable latch
00000110
WRDI
Reset write enable latch
00000100
WSTA
Write status register
00000010
RDIA
Read diagnostic register
00000101
RSTA
Read status register
00000011
Table 9.
Status register
s15
s14
s13
s12
s11
s10
s9
s8
s7
s6
s5
s4
s3
s2
s1
s0
REG
2
HSD
1
HSD
2
TBD
TBD
PWM
freq.
PWM TBD
TBD
TBD
TBD
TBD
TBD
TBD
Test
mode
START
DIAG
Table 10.
Status register description
01
s15
REG2 linear voltage
regulator 1.5 to 3.3V
Regulator off
Regulator on
s14
High side driver 1
HSD1 off
HSD1 on
s13
High side driver 2
HSD2 off
HSD2 on
s12
TBD
s11
TBD
s10
PWM switching frequency
260kHz
400kHz
s9
PWM voltage regulator
PWM1 off
PWM1 on
s8
TBD
s7
TBD
s6
TBD
s5
TBD
s4
TBD
s3
TBD
s2
TBD
s1
Test mode
Test mode off
Test mode on (1)
1.
In this case the bits s15 - s2 are internally set to 0 (regulators and high side drivers are in off condition)
s0
Diagnostic
Diagnostic off
Starts the diagnostic procedure:
- in test mode if s1=1;
- during normal operation if s1=0
If s1=0 and s0=1, must be s14 = 1
(HSD1 ON) and s13=1 (HSD2 ON)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com