Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5953 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L5953
Description  Multiple switching voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5953 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L5953_07 Datasheet HTML 6Page - STMicroelectronics L5953_07 Datasheet HTML 7Page - STMicroelectronics L5953_07 Datasheet HTML 8Page - STMicroelectronics L5953_07 Datasheet HTML 9Page - STMicroelectronics L5953_07 Datasheet HTML 10Page - STMicroelectronics L5953_07 Datasheet HTML 11Page - STMicroelectronics L5953_07 Datasheet HTML 12Page - STMicroelectronics L5953_07 Datasheet HTML 13Page - STMicroelectronics L5953_07 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Block diagram and electrical specifications
L5953
10/31
VIN
Input voltage
IO = 150mA
1.5V
≤ V
LR ≤ 2V
3.135
16
V
IO = 300mA
1.5V
≤ V
LR ≤ 3.3V
4.75
16
V
ΔV
load
Load regulation
5mA
≤ I
O ≤ 300mA
4.75V
≤ V
IN ≤ 16V; 1.5V ≤ VLR ≤
3.3V
12
mV
ΔV
line
Line regulation
no load;
4.75V
≤ V
IN ≤ 16V; 1.5V ≤ VLR ≤
3.3V
1mV
Vref,REG2
Voltage reference
1.275
V
ILim
Current limit
Out short to ground
400
mA
SVR
Supply voltage rejection
VIN = 5Vdc, 0.5Vacpp, 300Hz
IO = 300mA; 1.5V ≤ VLR ≤ 3.3V
55
dB
VIN = 3.3Vdc, 0.5Vacpp, 300Hz
IO = 150mA; 1.5V ≤ VLR ≤ 2V
55
dB
HSD1
Vsat, peak
Saturation voltage
IO = 0.5A
350
mV
Ilim
Current limit
600
mA
Lload
Load inductance
100
mH
HSD2
Vsat, peak
Saturation voltage
IO = 0.2A
300
mV
Ilim
Current limit
300
mA
Lload
Load inductance
100
mH
Voltage warning
Vst
Sense low threshold
1.245 1.275
1.305
V
Vsth
Sense threshold hysteresis
35
45
60
mV
VSL
Sense output low voltage
Io = 1mA
0.4
V
ISH
Sense output leakage
VW = 5V; VSI ≥ 1.5V
10
μA
ISI
Sense input current
VSI=5V
1
μA
Reset
VRT
Reset threshold voltage
0.95 x
VSTBY
V
VRTH
Reset threshold hysteresis
0.02 x
VSTBY
V
VRL
Reset output voltage
Io = 1mA
0.4
V
Table 5.
Electrical characteristics (continued) (Tamb = 25°C, VDD = 14.4V)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com