Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5953 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L5953
Description  Multiple switching voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5953 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L5953_07 Datasheet HTML 11Page - STMicroelectronics L5953_07 Datasheet HTML 12Page - STMicroelectronics L5953_07 Datasheet HTML 13Page - STMicroelectronics L5953_07 Datasheet HTML 14Page - STMicroelectronics L5953_07 Datasheet HTML 15Page - STMicroelectronics L5953_07 Datasheet HTML 16Page - STMicroelectronics L5953_07 Datasheet HTML 17Page - STMicroelectronics L5953_07 Datasheet HTML 18Page - STMicroelectronics L5953_07 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
L5953
Functional description
15/31
2.6
PWM step down voltage regulator
The switching regulator (
Figure 11.) inside the L5953 is a voltage control mode (also known
as a direct duty cycle) Buck regulator: the error signal coming from the error amplifier is
compared with a sawtooth to set on and off times of the power switch.
The feedforward control is introduced to get a quickly response to input voltage changes: the
sawtooth has a fixed frequency and an amplitude variable with the battery voltage.
Continuous mode operation is recommended in order to reduce the stress of the output
capacitor and of the free-wheeling diode.
2.6.1
Error amplifier and compensation network
The error amplifier (EA) is a voltage amplifier whose non-inverting input is fixed to the
reference voltage (1.275V bandgap voltage) and whose inverting input and output are
externally available for feedback and frequency compensation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com