Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5953 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L5953
Description  Multiple switching voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5953 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L5953_07 Datasheet HTML 22Page - STMicroelectronics L5953_07 Datasheet HTML 23Page - STMicroelectronics L5953_07 Datasheet HTML 24Page - STMicroelectronics L5953_07 Datasheet HTML 25Page - STMicroelectronics L5953_07 Datasheet HTML 26Page - STMicroelectronics L5953_07 Datasheet HTML 27Page - STMicroelectronics L5953_07 Datasheet HTML 28Page - STMicroelectronics L5953_07 Datasheet HTML 29Page - STMicroelectronics L5953_07 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
Application note
L5953
26/31
Part list on evaluation board
6.1
REG1 output voltage
VSTBY = 5V if pin ADJ left floating
VSTBY = 3.3V if pin ADJ is connected to the pin VSTBY
Timing capacitor
The value for this capacitor has to be chosen according the wanted power-on delay Td:
where ICT1 is the source current used to charge the timing capacitor and VSTBY is the REG1
output voltage.
6.2
Feedback resistors for REG2
where VLR is the required output voltage for REG2.
6.3
External components for PWM regulator
6.3.1
Bootstrap capacitor
The suggested value for the bootstrap capacitor is C6 = 100nF
Here following you find the criteria for the selection of the inductor L1, the free-wheeling
diode D2, the output filter capacitor C7, the feedback resistor R1, R2 and the compensation
network R3, C8, R4, C9 to have a Buck regulator working in continuous mode. Continuous
mode operation is recommended in order to reduce the stress of the output capacitor and of
the free-wheeling diode.
6.3.2
Inductor selection
The minimum value of the inductor L7 has to be so that the maximum inductor current ripple
ΔI
L,max is 20% to 30% of the maximum load current load Io,max.The maximum ripple is
present when the switching frequency is minimum (fsw,min) and the input voltage is
maximum (Vin,max) so the minimum value for the inductor Lmin is:
C1 = 470
μF
C2 = 220 nF
C3 = 470
μF
C4 = 10
μFC5 = 1 μF
C6 = 100 nF
C7 = 470
μF
ESR=65 m
Ω
C8 = 56nF
C9 = 2.7 nF
C10 = 10
μF
C11 = 4.7 nF
R1 = 2.2 k
Ω
R2 = 2 x 1.5 k
Ω in
parallel
R3 = 10 k
Ω
R4 = 220 k
Ω
R5 = 3.3 k
Ω
R6 = 1 k
Ω
L1 = 180
μH
D1 = 1N4007 or
MBR160
D2 = MBR360
C11
I
CT1 Td
⋅
0.5 V
STBY
⋅
() V
CTLHy
+
----------------------------------------------------------------
=
R5
R6
V
LR
V
ref REG2
,
---------------------------- 1
–
⎝⎠
⎜⎟
⎛⎞
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com