Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5953 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L5953
Description  Multiple switching voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5953 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L5953_07 Datasheet HTML 5Page - STMicroelectronics L5953_07 Datasheet HTML 6Page - STMicroelectronics L5953_07 Datasheet HTML 7Page - STMicroelectronics L5953_07 Datasheet HTML 8Page - STMicroelectronics L5953_07 Datasheet HTML 9Page - STMicroelectronics L5953_07 Datasheet HTML 10Page - STMicroelectronics L5953_07 Datasheet HTML 11Page - STMicroelectronics L5953_07 Datasheet HTML 12Page - STMicroelectronics L5953_07 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
L5953
Block diagram and electrical specifications
9/31
h
Efficiency
f = 260kHz; Io = 0.5A
f = 400kHz; Io = 0.5A
90
86
%
%
SVR
Supply voltage ripple rejection
ΔV
i = 1Vrms;
fripple = 300Hz; Io = 0.4A
50
dB
Oscillator
f1
Switching frequency
240
260
280
kHz
f2
Switching frequency
375
400
425
kHz
Voltage stability of switching
frequency
VDD = 8 to 18V
Tbd
%
Temperature stability of switching
frequency
Tj = -40°C to 85°C
Tbd
%
Sync
VIL
Low input voltage
0.8
V
VIH
High input voltage
2
V
VOL
Low output voltage
0.4
V
VOH
High output voltage
ISOURCE=1.5mA
4
V
ISLAVE
Slave sink current
100
μA
TW
Output pulse width
300
ns
REG1 - 3.3V/5V STBY linear voltage regulator
VSTBY
Output voltage
no load; ADJ pin = open
no load; ADJ pin = VSTBY pin
4.9
3.20
5
3.3
5.1
3.4
V
V
ΔV
line
Line regulation
no load; 7 < Vdd < 26V
5
50
mV
ΔV
load
Load regulation
5mA < Io < 250mA
12
80
mV
Vdropout
VSTCAP - VSTBY
Io = 100mA, Vo = 5V
Io = 100mA, Vo = 3.3V
0.36
0.47
0.5
0.65
V
Ilim
Current limit
Out short to GND
300
mA
SVR
Supply voltage rejection
ΔV
DD = 1Vrms: f = 300Hz
Io = 250mA
55
dB
REG2 - Linear voltage regulator 1.5V to 3.3V
VLR
Linear regulator output voltage
no load; 4.75
≤ V
IN ≤ 16V;
1+ (R5/R6) = 2.588
3.2
3.3
3.4
V
no load; 3.135
≤ V
IN ≤ 16V;
1+ (R5/R6) = 1.176
1.45
1.5
1.55
Table 5.
Electrical characteristics (continued) (Tamb = 25°C, VDD = 14.4V)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Δf
ΔV
i
---------
Δf
ΔT
j
---------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com