Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5953 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L5953
Description  Multiple switching voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5953 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L5953_07 Datasheet HTML 23Page - STMicroelectronics L5953_07 Datasheet HTML 24Page - STMicroelectronics L5953_07 Datasheet HTML 25Page - STMicroelectronics L5953_07 Datasheet HTML 26Page - STMicroelectronics L5953_07 Datasheet HTML 27Page - STMicroelectronics L5953_07 Datasheet HTML 28Page - STMicroelectronics L5953_07 Datasheet HTML 29Page - STMicroelectronics L5953_07 Datasheet HTML 30Page - STMicroelectronics L5953_07 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
L5953
Application note
27/31
6.3.3
Output capacitor selection
The criteria for the selection of the capacitor C7 is based on the output voltage ripple
requirements. The ripple on the output voltage is due to a capacitive contribute, often
negligible, equal to
and a resistive contribute given by the ESR of the capacitor and which is equal to
ΔVC fixes the value for C7 while ΔVESR limits the ESR of the capacitor.Usually the capacitor
is chosen so that the total ripple on the output regulated voltage Vo is equal to 1% of the
value of Vo. If Vripple is the maximum allowed voltage ripple on Vo then it should result:
More often the minimum value of C7 is imposed by other considerations such as to get a
good dynamic behavior of the output voltage in case of large load variations.
6.4
Free-wheeling diode
The diode must withstand an average current Id equal to Id = Ilim (1- Dmin) where Ilim is the
current of intervention of the short circuit protection and Dmin is the minimum duty cycle. As
Dmin is very low, the current Id can be assumed equal to Ilim.
6.5
Compensation network
In continuous mode, the voltage controlled buck converter shows two poles due to the
output LC filter and one zero due to the ESR of the output capacitor. The suggested
compensation network introduces two zeros and two poles:
–
the zeros compensate the double poles of the LC filter
–
one pole compensates the zero due to ESR of the output capacitor
the second pole is nominally located in the origin which means an infinite gain at frequency
null. In the reality the DC value of the closed loop gain can not be greater than the DC value
of the EA open loop gain and the pole is located at very low frequency.
The values for the components of the compensation network can be fixed when the inductor
L1 and the output capacitor C7 are chosen. The necessary steps are:
L
min
V
O
ΔI
Lmax
,
---------------------
1
V
O
V
imax
,
------------------
–
1
f
sw min
,
--------------------
⋅⋅
=
ΔV
c
ΔI
Lmax
,
8C7f
sw min
,
⋅⋅
----------------------------------------
=
ΔV
ESR
ESR
ΔI
Lmax
,
⋅
=
V
ripple
ΔV
c
2
ΔV
ESR
2
+
≥



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com