Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5953 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L5953
Description  Multiple switching voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5953 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L5953_07 Datasheet HTML 12Page - STMicroelectronics L5953_07 Datasheet HTML 13Page - STMicroelectronics L5953_07 Datasheet HTML 14Page - STMicroelectronics L5953_07 Datasheet HTML 15Page - STMicroelectronics L5953_07 Datasheet HTML 16Page - STMicroelectronics L5953_07 Datasheet HTML 17Page - STMicroelectronics L5953_07 Datasheet HTML 18Page - STMicroelectronics L5953_07 Datasheet HTML 19Page - STMicroelectronics L5953_07 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Internal pin connections
L5953
16/31
3
Internal pin connections
Figure 7.
Linear regulators
Figure 8.
Reset
Figure 9.
Low voltage warning block diagram.
POWER MOS
VSTBY
VSTBY
CONTROLLER
LINEAR REGULATOR
CONTROLLER
VREF
1.275V
VREF
1.275V
STCAP
VSTBY
ADJ
FGND
FBLR
VLR
VIN
POWER MOS
D03AU1493
Vref
2.5V/1.65V
FROM VST-BY
RES
CT
Vref 1.275V
7.5
μA
D03AU1480
S2
S1
V1
V2
W2
W1
M2
Vref =1.275V
+
-
M1
D03AU1478
Vref =1.275V
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com