Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA011 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA011
Description  L-band RF front-end for digital radio
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA011 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA011 Datasheet HTML 5Page - STMicroelectronics STA011 Datasheet HTML 6Page - STMicroelectronics STA011 Datasheet HTML 7Page - STMicroelectronics STA011 Datasheet HTML 8Page - STMicroelectronics STA011 Datasheet HTML 9Page - STMicroelectronics STA011 Datasheet HTML 10Page - STMicroelectronics STA011 Datasheet HTML 11Page - STMicroelectronics STA011 Datasheet HTML 12Page - STMicroelectronics STA011 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
STA011
Electrical specifications
9/38
3
Electrical specifications
3.1
Absolute maximum/minimum ratings
3.2
Operating conditions
3.3
Thermal data
Table 3.
Absolute maximum/minimum ratings
Symbol
Parameter
Min.
Typ.
Max.
Unit
Tstg
Storage temperature
-40
125
°C
Top
Operating ambient temperature
-40
25
85
°C
VMax
Maximum voltage on each pin
3.6
V
VMin
Minimum voltage on each pin
GND-0.3
V
Vpmax
Minimum/Maximum power supply
Between VP1,2,3,4 and VN1,2,3,4
-0.3
3.6
VESD,HBM
Electrostatic discharge Voltage (ESD,
Human Body Model)
2kV
Table 4.
Operating conditions
Symbol
Parameter
Test conditions/notes
Min.
Typ.
Max.
Unit
VP
Operating supply voltage
2. 7
3.3
V
Tj
Junction temperature
125
°C
Table 5.
Thermal data
Symbol
Parameter
Test conditions/notes
Min.
Typ.
Max.
Unit
Rth j-amb
Thermal resistance junction to
ambient
According to JEDEC
specification on a layers
board
45
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com