Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA011 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA011
Description  L-band RF front-end for digital radio
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA011 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA011 Datasheet HTML 9Page - STMicroelectronics STA011 Datasheet HTML 10Page - STMicroelectronics STA011 Datasheet HTML 11Page - STMicroelectronics STA011 Datasheet HTML 12Page - STMicroelectronics STA011 Datasheet HTML 13Page - STMicroelectronics STA011 Datasheet HTML 14Page - STMicroelectronics STA011 Datasheet HTML 15Page - STMicroelectronics STA011 Datasheet HTML 16Page - STMicroelectronics STA011 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
STA011
Electrical specifications
13/38
Figure 4.
System clock input/output
Table 9.
Base-band output performance
Symbol
Parameter
Test conditions/notes
Min.
Typ.
Max.
Unit
Rload
Baseband Output load
resistance
The output resistance the
IC is loaded
SE to GND
5K
Ω
Cload
Baseband output load
capacitance
The output capacitance the
IC is loaded
SE to GND
10
pF
Table 10.
Crystal oscillator, (T=25°C, VP-VN=3V)(1)
Symbol
Parameter
Test conditions/notes
Min.
Typ.
Max.
Unit
fXTAL1
Quartz frequency
Resonance mode: series
Using 14.72
14.72
MHz
fXTAL2
Quartz frequency
Resonance mode: series
Using 14.725
14.725
MHz
Pn
Phase Noise
Δf=1kHz
-120
-118
dBc
VDC,XTAL
XTAL1,2 common
mode voltage
VP-1.1
VP-.9
VP-.7
V
1.
A 18pF capacitor connected from XTAL1 pin to gnd is suggested for start-up robustness (see Figure 4).
M_CLKP
REF
;;
;;
;;
yy
yy
yy
MUX
Output
Buffer
to baseband
CD
Cp
18pF
AC00414
Table 11.
PLLs, Synthesizers, (Tamb = 25°C, VP-VN = 3V)
Symbol
Parameter
Test conditions/notes
Min.
Typ.
Max.
Unit
ts
RF pll loop setting
time
1
10
msec
Pn
Total phase noise
contribution
100Hz<
Δf<1.84MHz
1.8
°rms
fREF1
RF pll comparison
frequency
Programmable via software
mode
0.92
3.68
14.72
MHz
fREF2
IF pll comparison
frequency
Programmable via software
mode
113.23
KHz
PSP
Spurious power level
RFPLL,
Δf=n*460KHz
IFPLL,
Δf=113.23KHz
-50
-50
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com