Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA011 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA011
Description  L-band RF front-end for digital radio
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA011 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA011 Datasheet HTML 8Page - STMicroelectronics STA011 Datasheet HTML 9Page - STMicroelectronics STA011 Datasheet HTML 10Page - STMicroelectronics STA011 Datasheet HTML 11Page - STMicroelectronics STA011 Datasheet HTML 12Page - STMicroelectronics STA011 Datasheet HTML 13Page - STMicroelectronics STA011 Datasheet HTML 14Page - STMicroelectronics STA011 Datasheet HTML 15Page - STMicroelectronics STA011 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Electrical specifications
STA011
12/38
Figure 3.
Typical IF overall gain vs control voltage
NF
Noise Figure
Measurements condition:
Input SOP, SON pins; output
RXI, NRXI pins, Rs=50Ω,
Double Side Band,
IFGain=65dB
912
dB
1dB cp
1dB compression point
Gain=65dB
-53
-50
dBm
1dB cp,fg
1dB compression point,
full gain
Gain=81dB
-69
-66
dBm
IIP3
Input IP3
Gain=65dB
-45
-41
dBm
IIP3,fg
Input IP3
Gain=81dB
-61
-57
dBm
Zin
Input impedance
Balanced @ SOP, SON,
50
Ω
Zout
Output impedance
Balanced @ RXI, RXIN
Corresponding to 1.75mA in
each emitter follower
50
Ω
VDC,IFin
SIP, SIN common mode
DC voltage
AC coupled to the SAW filter
VP-1.3
VP-1.1
VP-0.9
V
VDC,RXout
RXI,NRXI common mode
DC voltage
AC coupled to the base-band
VP-2.1
VP-1.8
VP-1.65
V
VDC,PADJ
PADJ1,2 common mode
DC voltage
VP-0.3
VP-0.12
VP-0.5
V
Zadj
Gain adjustment pins
impedance
Balanced GADJ1, GADJ2
pins
650
800
950
W
BBleak
LO2 to BB leakage
Obtained by using low pass
filter at the output
-49
-30
dBm
IF2leak
LO2 to IF1 leakage
Obtained by using SAW filter
at the input
-44
-30
dBm
Table 8.
IFVGA amplifiers, IF mixer and output buffer (Tamb = 25°C, VP-VN = 3V) (continued)
Symbol
Parameter
Test conditions/notes
Min.
Typ.
Max.
Unit
0.7
0.75
0.77
0.79
0.8
0.82
0.84
0.86
0.88
0.9
V(AGC1, AGC2) (Volt)
30
35
40
45
50
55
60
IF gain (dB)
IF TOTAL VOLTAGE GAIN (dB)
input SOP,NOP output RXI,NRXI
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
V(AGC1, AGC2) (Volt)
60
65
70
75
80
85
90
IF gain (dB)
IF TOTAL VOLTAGE GAIN (dB)
input SOP,NOP output RXI,NRXI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com