Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA011 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STA011
Description  L-band RF front-end for digital radio
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA011 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STA011 Datasheet HTML 15Page - STMicroelectronics STA011 Datasheet HTML 16Page - STMicroelectronics STA011 Datasheet HTML 17Page - STMicroelectronics STA011 Datasheet HTML 18Page - STMicroelectronics STA011 Datasheet HTML 19Page - STMicroelectronics STA011 Datasheet HTML 20Page - STMicroelectronics STA011 Datasheet HTML 21Page - STMicroelectronics STA011 Datasheet HTML 22Page - STMicroelectronics STA011 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
STA011
I2C-bus interface
19/38
The master sends the data and each byte isacknowledged by the I2C. The master
terminates the transfer by generating a STOP (P) condition.
The sub-address decides the starting byte. A Multi-byte with sub-address 00H and 5
DATA_IN bytes would affect the bytes starting from DATA_OUT [119:112] to DATA_OUT
[87:80] and so on. A Multi byte with sub-address from the ranges 00H - 0FH produces illegal
sub-address signal to go high, and DATA_OUT[119:0] will not change until a successive
write operation request, with the correct range for sub-address will be made.
5.1.11
Read operation
Current byte address read
For the I2C of STA011 this is the only read mode operation implemented. In the current byte
address read mode, following a START condition, the master sends the device address with
the RW bit set to 1. The I2C acknowledges this and outputs the byte data by reading from
the internal byte address counter. The master does not acknowledge the received byte, but
terminates the transfer with a STOP condition.
This method operation is not used.
Data validity
Figure 5.
Validity on I2C-bus
Timing diagram of the I2C-bus:
Figure 6.
Timing diagram of the I2C-bus
S
110000A
R/W 0
ack
Sub-address byte
ack
DATA IN
ack
...………
DATA IN
ack
P
S
110000A
R/W 1
ack
DATA
No ack
P
SDA
SCL
DATA LINE
STABLE, DATA
VALID
CHANGE
DATA
ALLOWED
D99AU1031
SCL
SDA
START
I2CBUS
STOP
D99AU1032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com