Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA011 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STA011
Description  L-band RF front-end for digital radio
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA011 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STA011 Datasheet HTML 26Page - STMicroelectronics STA011 Datasheet HTML 27Page - STMicroelectronics STA011 Datasheet HTML 28Page - STMicroelectronics STA011 Datasheet HTML 29Page - STMicroelectronics STA011 Datasheet HTML 30Page - STMicroelectronics STA011 Datasheet HTML 31Page - STMicroelectronics STA011 Datasheet HTML 32Page - STMicroelectronics STA011 Datasheet HTML 33Page - STMicroelectronics STA011 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
Programming specifications
STA011
30/38
6.2
RF path
6.2.1
Blocks enable
6.2.2
RF gain setting
6.2.3
IF buffer setting
Table 29.
Blocks enable
Description
Notes
D71
0LNA OFF
1
LNA ON
Startup configuration
D70
0
Mixer OFF
1
Mixer ON
Startup configuration
D67
0Buffer OFF
1
Buffer ON
Startup configuration
Table 30.
RF gain setting
D69
D68
Description
Notes
1
1
High Gain
1
0
Medium1
Startup configuration
0
1
Medium2
00
Low Gain
Table 31.
IF Buffer setting
D66
Description
Notes
0
Itail=3mA
lower output linearity
1
Itail=4mA
Higher output linearity, startup configuartion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com